Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2373IDGS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2373IDGS
Description  500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2373IDGS Datasheet(HTML) 3 Page - Texas Instruments

  TLV2373IDGS Datasheet HTML 1Page - Texas Instruments TLV2373IDGS Datasheet HTML 2Page - Texas Instruments TLV2373IDGS Datasheet HTML 3Page - Texas Instruments TLV2373IDGS Datasheet HTML 4Page - Texas Instruments TLV2373IDGS Datasheet HTML 5Page - Texas Instruments TLV2373IDGS Datasheet HTML 6Page - Texas Instruments TLV2373IDGS Datasheet HTML 7Page - Texas Instruments TLV2373IDGS Datasheet HTML 8Page - Texas Instruments TLV2373IDGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
1
2
3
4
8
7
6
5
V
DD
SHDN
IN
-
NC
NC
OUT
IN+
GND
3
2
4
6
1
OUT
GND
IN+
5
V
DD
SHDN
IN
-
3
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
www.ti.com
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Typical values measured at 5 V and 25°C.
5 Device Comparison Tables
Table 1. Selection of Signal Amplifier Products(1)
DEVICE
VDD
(V)
VIO
(µV)
IQ/Ch
(µA)
IIB
(pA)
GBW
(MHz)
SR
(V/µs)
SHUTDOWN
RAIL-TO-
RAIL
SINGLES,
DUALS,
QUADS
TLV237x
2.7 to 16
500
550
1
3
2.4
Yes
I/O
S, D, Q
TLC227x
4 to 16
300
1100
1
2.2
3.6
O
D, Q
TLV27x
2.7 to 16
500
550
1
3
2.4
O
S, D, Q
TLC27x
3 to 16
1100
675
1
1.7
3.6
S, D, Q
TLV246x
2.7 to 16
150
550
1300
6.4
1.6
Yes
I/O
S, D, Q
TLV247x
2.7 to 16
250
600
2
2.8
1.5
Yes
I/O
S, D, Q
TLV244x
2.7 to 10
300
725
1
1.8
1.4
O
D, Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Table 2. Family Package Table(1)
DEVICE
NUMBER OF
CHANNELS
PACKAGE TYPES
SHUTDOWN
UNIVERSAL
EVM
BOARD
PDIP
SOIC
SOT-23
TSSOP
MSOP
TLV2370
1
8
8
6
Yes
See the EVM
Selection
Guide
TLV2371
1
8
8
5
TLV2372
2
8
8
8
TLV2373
2
14
14
10
Yes
TLV2374
4
14
14
14
TLV2375
4
16
16
16
Yes
6 Pin Configuration and Functions
TLV2370 DBV Package
6-Pin SOT-23
Top View
TLV2370 D and P Packages
8-Pin SOIC and PDIP
Top View
Pin Functions: TLV2370
PIN
I/O
DESCRIPTION
NAME
SOT-23
SOIC, PDIP
GND
2
4
Ground connection
IN–
4
2
I
Negative (inverting) input
IN+
3
3
I
Positive (noninverting) input
NC
1, 5
No internal connection (can be left floating)
OUT
1
6
O
Output
SHDN
5
8
I
Shutdown control (active low, can be left floating)
VDD
6
7
Positive power supply


Similar Part No. - TLV2373IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2373IDGS TI-TLV2373IDGS Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373IDGS TI-TLV2373IDGS Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373IDGSG4 TI-TLV2373IDGSG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373IDGSR TI-TLV2373IDGSR Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2373IDGSRG4 TI-TLV2373IDGSRG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2373IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com