Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2374IPWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2374IPWRG4
Description  500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2374IPWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2374IPWRG4 Datasheet HTML 4Page - Texas Instruments TLV2374IPWRG4 Datasheet HTML 5Page - Texas Instruments TLV2374IPWRG4 Datasheet HTML 6Page - Texas Instruments TLV2374IPWRG4 Datasheet HTML 7Page - Texas Instruments TLV2374IPWRG4 Datasheet HTML 8Page - Texas Instruments TLV2374IPWRG4 Datasheet HTML 9Page - Texas Instruments TLV2374IPWRG4 Datasheet HTML 10Page - Texas Instruments TLV2374IPWRG4 Datasheet HTML 11Page - Texas Instruments TLV2374IPWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
8
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply voltage, VDD
(2)
16.5
V
Differential input voltage, VID
–VDD
VDD
Input voltage, VI
(2)
–0.2
VDD + 0.2
Current
Input current, IIN
–10
10
mA
Output current, IO
–100
100
Temperature
Operating free-air temperature, TA: I-suffix
–40
125
°C
Maximum junction temperature, TJ
150
Storage temperature, Tstg
–65
150
7.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
Supply voltage, VDD
Single supply
2.7
16
V
Split supply
±1.35
±8
Common-mode input voltage, VCM
0
VDD
V
Operating free-air temperature, TA
I-suffix
–40
125
°C
Turnon voltage (shutdown pin voltage level), V(ON), relative to GND pin voltage
2
V
Turnoff (shutdown pin voltage level), V(OFF), relative to GND pin voltage
0.8
V


Similar Part No. - TLV2374IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2374IPWRG4 TI-TLV2374IPWRG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2374IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com