Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK105 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK105 Datasheet(HTML) 3 Page - Texas Instruments

  TLK105 Datasheet HTML 1Page - Texas Instruments TLK105 Datasheet HTML 2Page - Texas Instruments TLK105 Datasheet HTML 3Page - Texas Instruments TLK105 Datasheet HTML 4Page - Texas Instruments TLK105 Datasheet HTML 5Page - Texas Instruments TLK105 Datasheet HTML 6Page - Texas Instruments TLK105 Datasheet HTML 7Page - Texas Instruments TLK105 Datasheet HTML 8Page - Texas Instruments TLK105 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
3
TLK105
TLK106
www.ti.com
SLLSEB8C – AUGUST 2012 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106
Table of Contents
Copyright © 2012–2016, Texas Instruments Incorporated
1.4
Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table of Contents
1
Introduction
............................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 1
1.3
Device Overview
..................................... 1
1.4
Electrostatic Discharge Caution
...................... 3
2
Pin Descriptions
......................................... 4
2.1
Pin Layout
............................................ 4
2.2
Serial Management Interface (SMI)
.................. 5
2.3
MAC Data Interface
.................................. 5
2.4
10Mbs and 100Mbs PMD Interface
.................. 6
2.5
Clock Interface
....................................... 6
2.6
LED Interface
......................................... 6
2.7
Reset and Power Down
.............................. 6
2.8
Power and Bias Connections
......................... 7
3
Hardware Configuration
................................ 7
3.1
Bootstrap Configuration
.............................. 7
3.2
Power Supply Configuration
.......................... 8
3.3
IO Pins Hi-Z State During Reset
.................... 10
3.4
Auto-Negotiation
.................................... 10
3.5
Auto-MDIX
........................................... 10
3.6
MII Isolate Mode
.................................... 11
3.7
PHY Address
........................................ 11
3.8
LED Interface
....................................... 12
3.9
Loopback Functionality
.............................. 13
3.10
BIST
................................................. 15
3.11
Cable Diagnostics
................................... 15
4
Interfaces
................................................ 17
4.1
Media Independent Interface (MII)
.................. 17
4.2
Reduced Media Independent Interface (RMII)
...... 18
4.3
Serial Management Interface
....................... 20
5
Architecture
............................................. 24
5.1
100Base-TX Transmit Path
......................... 24
5.2
100Base-TX Receive Path
......................... 27
5.3
10Base-T Receive Path
............................. 29
5.4
Auto Negotiation
..................................... 30
5.5
Link Down Functionality
............................. 32
6
Reset and Power Down Operation
.................. 33
6.1
Hardware Reset
..................................... 33
6.2
Software Reset
...................................... 33
6.3
Power Down/Interrupt
............................... 33
6.4
Power Save Modes
................................. 34
7
Design Guidelines
...................................... 35
7.1
TPI Network Circuit
................................. 35
7.2
Clock In (XI) Requirements
......................... 35
7.3
Thermal Vias Recommendation
.................... 37
8
Register Block
.......................................... 38
8.1
Register Definition
................................... 43
8.2
Cable Diagnostic Control Register (CDCR)
......... 67
8.3
PHY Reset Control Register (PHYRCR)
............ 68
8.4
Compliance Test register (COMPTR)
............... 69
8.5
TX_CLK Phase Shift Register (TXCPSR)
.......... 69
8.6
Power Back Off Control Register (PWRBOCR)
.... 70
8.7
Voltage Regulator Control Register (VRCR)
........ 70
8.8
Cable Diagnostic Configuration/Result Registers
... 70
9
Electrical Specifications
.............................. 76
9.1
Absolute Maximum Ratings
........................ 76
9.2
ESD Ratings
........................................ 76
9.3
Recommended Operating Conditions
.............. 76
9.5
TLK105 32-Pin Industrial Device (85°C) Thermal
Characteristics
....................................... 77
9.6
TLK106 32-Pin Extended Temperature (105°C)
Device Thermal Characteristics
..................... 77
9.7
DC Characteristics, VDD_IO
....................... 78
9.8
DC Characteristics
................................. 78
9.9
Power Supply Characteristics
....................... 79
9.10
AC Specifications
.................................... 80
10
Revision History
........................................ 96


Similar Part No. - TLK105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105 TI-TLK105 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105L TI1-TLK105L Datasheet
1Mb / 105P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105LRHBR TI1-TLK105LRHBR Datasheet
1Mb / 105P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105LRHBT TI1-TLK105LRHBT Datasheet
1Mb / 105P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
More results

Similar Description - TLK105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK110 TI1-TLK110 Datasheet
1Mb / 104P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105 TI-TLK105 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105L TI1-TLK105L Datasheet
1Mb / 105P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111_14 Datasheet
1Mb / 110P
[Old version datasheet]   PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
[Old version datasheet]   TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83620SQ TI-DP83620SQ Datasheet
1Mb / 105P
[Old version datasheet]   DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQE TI1-DP83620SQE Datasheet
1Mb / 105P
[Old version datasheet]   DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQE TI-DP83620SQE Datasheet
1Mb / 105P
[Old version datasheet]   DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com