Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2432AIDG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2432AIDG4
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2432AIDG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2432AIDG4 Datasheet HTML 7Page - Texas Instruments TLV2432AIDG4 Datasheet HTML 8Page - Texas Instruments TLV2432AIDG4 Datasheet HTML 9Page - Texas Instruments TLV2432AIDG4 Datasheet HTML 10Page - Texas Instruments TLV2432AIDG4 Datasheet HTML 11Page - Texas Instruments TLV2432AIDG4 Datasheet HTML 12Page - Texas Instruments TLV2432AIDG4 Datasheet HTML 13Page - Texas Instruments TLV2432AIDG4 Datasheet HTML 14Page - Texas Instruments TLV2432AIDG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
TLV2432, TLV2432A, TLV2434, TLV2434A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS168F – NOVEMBER 1996 – REVISED MARCH 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV243xQ,
TLV243xM
UNIT
A
MIN
TYP
MAX
VIC =0
TLV2453x
25
°C
300
2000
VIO
Input offset voltage
VIC = 0,
VO = 0,
TLV2453x
Full range
2500
µV
VIO
Input offset voltage
O
,
VDD ± = ± 2.5 V,
R50
TLV2453xA
25
°C
300
950
µV
RS = 50 Ω
TLV2453xA
Full range
2000
αVIO
Temperature coefficient of input offset voltage
25
°C
2
µV/°C
αVIO
Temperature coefficient of input offset voltage
to 70
°C
2
µV/°C
Input offset voltage long-term drift
(see Note 4)
VIC = 0,
VDD ± = ± 2.5 V,
25
°C
0.003
µV/mo
IIO
Input offset current
VIC = 0,
VO = 0,
VDD ± = ± 2.5 V,
RS = 50 Ω
25
°C
0.5
60
pA
IIO
Input offset current
Full range
150
pA
IIB
Input bias current
25
°C
1
60
pA
IIB
Input bias current
Full range
300
pA
VICR
Common mode input voltage range
|VIO| ≤ 5mV
RS =50 Ω
25
°C
0
to
4.5
–0.25
to
4.75
V
VICR
Common-mode input voltage range
|VIO| ≤ 5 mV,
RS = 50 Ω
Full range
0
to
4.2
V
IOH = – 100 µA
25
°C
4.97
VOH
High-level output voltage
IOH = 5mA
25
°C
4
4.35
V
IOH = – 5 mA
Full range
4
VIC = 2.5 V,
IOL = 100 µA
25
°C
0.01
VOL
Low-level output voltage
VIC =2 5V
IOL =5 mA
25
°C
0.8
V
VIC = 2.5 V,
IOL = 5 mA
Full range
1.25
V2 5 V
R2 k
Ω‡
25
°C
2.5
3.8
AVD
Large-signal differential voltage amplification
VIC = 2.5 V,
VO =1Vto4V
RL = 2 kه
Full range
0.5
V/mV
VD
gg
g
VO = 1 V to 4 V
RL = 1 Mه
25
°C
950
ri(d)
Differential input resistance
25
°C
1000
G
ri(c)
Common-mode input resistance
25
°C
1000
G
ci(c)
Common-mode input capacitance
f = 10 kHz
25
°C
8
pF
zo
Closed-loop output impedance
f = 100 kHz,
AV = 10
25
°C
130
CMRR
Common mode rejection ratio
VIC = 0 to 4.5 V, VO = 2.5 V,
25
°C
70
90
dB
CMRR
Common-mode rejection ratio
IC
,
O
,
RS = 50 Ω
Full range
70
dB
kSVR
Supply voltage rejection ratio (
∆VDD/∆VIO)
VDD = 4.4 V to 8 V,
25
°C
80
95
dB
kSVR
Supply-voltage rejection ratio (
∆VDD/∆VIO)
DD
,
VIC = VDD /2,
No load
Full range
80
dB
IDD
Supply current
VO =2 5V
No load
25
°C
200
250
µA
IDD
Supply current
VO = 2.5 V,
No load
Full range
270
µA
† Full range is – 40
°C to 125°C for Q level part, –55°C to 125°C for M level part.
‡ Referenced to 2.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLV2432AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2432AID TI-TLV2432AID Datasheet
623Kb / 34P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2432AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2442 TI-TLV2442_07 Datasheet
865Kb / 39P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442 TI1-TLV2442_16 Datasheet
1Mb / 45P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2442-Q1 TI1-TLV2442-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2432-Q1 TI1-TLV2432-Q1 Datasheet
943Kb / 34P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1 Datasheet
550Kb / 28P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422 TI1-TLV2422_16 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLV2422-Q1 TI1-TLV2422-Q1_15 Datasheet
553Kb / 28P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com