Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2375IPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2375IPW
Description  500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2375IPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2375IPW Datasheet HTML 7Page - Texas Instruments TLV2375IPW Datasheet HTML 8Page - Texas Instruments TLV2375IPW Datasheet HTML 9Page - Texas Instruments TLV2375IPW Datasheet HTML 10Page - Texas Instruments TLV2375IPW Datasheet HTML 11Page - Texas Instruments TLV2375IPW Datasheet HTML 12Page - Texas Instruments TLV2375IPW Datasheet HTML 13Page - Texas Instruments TLV2375IPW Datasheet HTML 14Page - Texas Instruments TLV2375IPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
11
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
www.ti.com
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
7.9 Electrical Characteristics
at TA = 25°C, VDD = 2.7 V, 5 V, and 15 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
VOS
Input offset voltage
At TA = 25°C, VIC = VDD/2, VO = VDD/2, RS = 50 Ω
2
4.5
mV
At TA = –40°C to +125°C, VIC = VDD/2, VO = VDD/2,
RS = 50 Ω
6
mV
dVOS/dT
Offset voltage drift
At TA = 25°C, VIC = VDD/2, VO = VDD/2, RS = 50 Ω
2
µV/°C
CMRR
Common-mode rejection ratio
VDD = 2.7 V,
RS = 50 Ω
VIC = 0 to VDD
50
68
dB
At TA = –40°C to +125°C,
VIC = 0 to VDD
49
VIC = 0 to VDD − 1.35 V
56
70
At TA = –40°C to +125°C,
VIC = 0 to VDD − 1.35 V
54
VDD = 5 V,
RS = 50 Ω
VIC = 0 to VDD
55
72
At TA = –40°C to +125°C,
VIC = 0 to VDD
54
VIC = 0 to VDD − 1.35 V
67
80
At TA = –40°C to +125°C,
VIC = 0 to VDD − 1.35 V
64
VDD = 15 V,
RS = 50 Ω
VIC = 0 to VDD
64
82
At TA = –40°C to +125°C,
VIC = 0 to VDD
63
VIC = 0 to VDD − 1.35 V
67
84
At TA = –40°C to +125°C,
VIC = 0 to VDD − 1.35 V
66
AVD
Large-signal differential
voltage amplification
VDD = 2.7 V,
VO(PP) =
VDD/2,
RL = 10 kΩ
98
106
dB
At TA = –40°C to +125°C
76
VDD = 5 V,
VO(PP) =
VDD/2,
RL = 10 kΩ
100
110
At TA = –40°C to +125°C
86
VDD = 15 V,
VO(PP) =
VDD/2,
RL = 10 kΩ
81
83
At TA = –40°C to +125°C
79
INPUT CHARACTERISTICS
IOS
Input offset current
VDD = 15 V,
VIC = VO =
VDD/2
1
60
pA
At TA = 70°C
100
At TA = 125°C
1000
IB
Input bias current
VDD = 15 V,
VIC = VO =
VDD/2
1
60
pA
At TA = 70°C
100
At TA = 125°C
1000
Differential input resistance
1000
Common-mode input
capacitance
f = 21 kHz
8
pF


Similar Part No. - TLV2375IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2375IPW TI-TLV2375IPW Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2375IPW TI-TLV2375IPW Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2375IPWG4 TI-TLV2375IPWG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2375IPWR TI-TLV2375IPWR Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2375IPWRG4 TI-TLV2375IPWRG4 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2375IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com