Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK10031 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10031
Description  TLK10031 Single-Channel XAUI/10GBASE-KR Transceiver
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10031 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK10031 Datasheet HTML 6Page - Texas Instruments TLK10031 Datasheet HTML 7Page - Texas Instruments TLK10031 Datasheet HTML 8Page - Texas Instruments TLK10031 Datasheet HTML 9Page - Texas Instruments TLK10031 Datasheet HTML 10Page - Texas Instruments TLK10031 Datasheet HTML 11Page - Texas Instruments TLK10031 Datasheet HTML 12Page - Texas Instruments TLK10031 Datasheet HTML 13Page - Texas Instruments TLK10031 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 146 page
background image
TLK10031
SLLSEL3A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
5.5
Electrical Characteristics: High Speed Side Serial Transmitter
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
SWING = 0000
50
130
220
SWING = 0001
110
220
320
SWING = 0010
180
300
430
SWING = 0011
250
390
540
SWING = 0100
320
480
650
SWING = 0101
390
570
770
SWING = 0110
460
660
880
SWING = 0111
530
750
1000
TX Output differential peak-to-peak
VOD(p-p)
SWING = 1000
590
830
1100
mVpp
voltage swing, transmitter enabled
SWING = 1001
660
930
1220
SWING = 1010
740
1020
1320
SWING = 1011
820
1110
1430
SWING = 1100
890
1180
1520
SWING = 1101
970
1270
1610
SWING = 1110
1060
1340
1680
SWING = 1111
1090
1400
1740
Transmitter disabled
30
See register bits TWPOST1,
TX Output pre/post cursor
TWPOST2, and TWPRE for de-
–17.5/
+17.5/
Vpre/post
emphasis voltage
emphasis settings.
–37.5%
+37.5%
See Figure 6-2
100-
Ω differential termination. DC-
VDDT - 0.25 *
VCMT
TX Output common mode voltage
mV
coupled.
VOD(p-p)
tskew
Intra-pair output skew
Serial Rate = 9.8304 Gbps
0.045
UI
Differential output signal rise, fall
Tr, Tf
time (20% to 80%),
24
ps
Differential Load = 100
Ω
Serial output total jitter (CPRI
Serial Rate
≤ 3.072Gbps
0.35
JT1
LV/LV-II/LV-III, OBSAI and
UIpp
Serial Rate > 3.072Gbps
0.28
10GBASE-KR Rates)
Serial output deterministic jitter
Serial Rate
≤ 3.072Gbps
0.17
JD1
(CPRI LV/LV-II/LV-III, OBSAI and
UIpp
Serial Rate > 3.072Gbps
0.15
10GBASE-KR Rates)
Serial output random jitter (CPRI
JR1
LV/LV-II/LV-III, OBSAI and
Serial Rate > 3.072Gbps
0.15
UIpp
10GBASE-KR Rates)
Serial output total jitter (CPRI
JT2
0.279
E.12.HV)
Serial Rate = 1.2288Gbps
UIpp
Serial output deterministic jitter
JD2
0.14
(CPRI E.12.HV)
50 MHz < f < 2.5 GHz
9
dB
SDD22
Differential output return loss
2.5 GHz < f < 7.5 GHz
See (1)
dB
50 MHz < f < 2.5 GHz
6
dB
SCC22
Common-mode output return loss
2.5 GHz < f < 7.5 GHz
See (2)
dB
10GBASE-KR mode
see Figure 7-6
T(LATENCY) Transmit path latency
1GBASE-KX mode
see Figure 7-9
General Purpose mode
see Figure 7-13
(1)
Differential input return loss, SDD22 = 9 – 12 log10(f / 2500MHz)) dB
(2)
Common-mode output return loss, SDD22 = 6 – 12 log10(f / 2500MHz)) dB
10
Specifications
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10031


Similar Part No. - TLK10031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10034 TI1-TLK10034 Datasheet
260Kb / 8P
[Old version datasheet]   QUAD-CHANNEL XAUI/10GBASE-KR TRANSCEIVER
TLK10034AAJ TI1-TLK10034AAJ Datasheet
260Kb / 8P
[Old version datasheet]   QUAD-CHANNEL XAUI/10GBASE-KR TRANSCEIVER
TLK10034AAJ TI1-TLK10034AAJ Datasheet
1Mb / 168P
[Old version datasheet]   Quad-Channel XAUI/10GBASE-KR Transceiver
TLK10034 TI1-TLK10034_15 Datasheet
1Mb / 168P
[Old version datasheet]   Quad-Channel XAUI/10GBASE-KR Transceiver
More results

Similar Description - TLK10031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10034 TI1-TLK10034_15 Datasheet
1Mb / 168P
[Old version datasheet]   Quad-Channel XAUI/10GBASE-KR Transceiver
TLK10034 TI1-TLK10034 Datasheet
260Kb / 8P
[Old version datasheet]   QUAD-CHANNEL XAUI/10GBASE-KR TRANSCEIVER
TLK10232 TI1-TLK10232_14 Datasheet
1Mb / 103P
[Old version datasheet]   DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
TLK10232 TI-TLK10232 Datasheet
1Mb / 102P
[Old version datasheet]   DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
TLK10232 TI1-TLK10232_13 Datasheet
1Mb / 102P
[Old version datasheet]   DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
TLK3118 TI1-TLK3118_09 Datasheet
575Kb / 59P
[Old version datasheet]   Redundant XAUI Transceiver
TLK3138 TI-TLK3138 Datasheet
765Kb / 61P
[Old version datasheet]   Dual XAUI Transceiver
logo
Keysight Technologies
N8815A KEYSIGHT-N8815A Datasheet
722Kb / 8P
   Ininiium 64b/66b 10Gbase-KR
logo
Texas Instruments
TLK3118 TI-TLK3118 Datasheet
526Kb / 57P
[Old version datasheet]   Redundant XAUI Transceiver
logo
Keysight Technologies
N8814B KEYSIGHT-N8814B Datasheet
4Mb / 13P
   N8814A 10GBASE-KR Ethernet Backplane
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com