Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1201RCP Datasheet(PDF) 11 Page - Texas Instruments

Part # TLK1201RCP
Description  ETHERNET TRANSCEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1201RCP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK1201RCP Datasheet HTML 7Page - Texas Instruments TLK1201RCP Datasheet HTML 8Page - Texas Instruments TLK1201RCP Datasheet HTML 9Page - Texas Instruments TLK1201RCP Datasheet HTML 10Page - Texas Instruments TLK1201RCP Datasheet HTML 11Page - Texas Instruments TLK1201RCP Datasheet HTML 12Page - Texas Instruments TLK1201RCP Datasheet HTML 13Page - Texas Instruments TLK1201RCP Datasheet HTML 14Page - Texas Instruments TLK1201RCP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TLK1201RCP, TLK1201IRCP
ETHERNET TRANSCEIVERS
SLLS506E − AUGUST 2001 − REVISED MAY 2007
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD, VDD(A)
2.3
2.5
2.7
V
Total supply current, IDD, IDD(A)
Frequency = 1.25 Gbps,
PRBS pattern
90
mA
Total power dissipation P
Frequency = 1.25 Gbps,
PRBS pattern
250
mW
Total power dissipation, PD
Frequency = 1.25 Gbps,
Worst case
245
mW
Total shutdown current, IDD, IDD(A)
Enable = 0,
VDD(A), VDD = 2.7 V
50
µA
Startup lock time, PLL
VDD, VDD(A) = 2.5 V, EN↑ to PLL acquire
500
µs
Operating free air temperature T
TLK1201
0
70
°C
Operating free-air temperature, TA
TLK1201I
−40
85
°C
The worst case pattern is a pattern that creates a maximum transition density on the serial transceiver.
reference clock (REFCLK) timing requirements over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
Minimum data rate
TLK1201
TYP−0.01%
60
TYP+0.01%
Frequency
Minimum data rate
TLK1201I
TYP−0.01%
60
TYP+0.01%
MHz
Frequency
Maximum data rate
TYP−0.01%
130
TYP+0.01%
MHz
Accuracy
−100
100
ppm
Duty cycle
40%
50%
60%
Jitter, peak-to-peak 20 kHz to 10 MHz
40
ps
TTL electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = −400 µA
VDD−0.2
2.3
V
VOL
Low-level output voltage
IOL = 1 mA
GND
0.25
0.5
V
VIH
High-level input voltage
1.7
3.6
V
VIL
Low-level input voltage
0.8
V
IIH
High-level Input current
VDD = 2.3 V,
VIN = 2 V
40
µA
IIL
Low-level Input current
VDD = 2.3 V,
VIN = 0.4 V
−40
µA
CIN
Input capacitance
4
pF


Similar Part No. - TLK1201RCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1201RCP TI-TLK1201RCP Datasheet
279Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201RCP TI-TLK1201RCP Datasheet
541Kb / 22P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201RCPG4 TI-TLK1201RCPG4 Datasheet
541Kb / 22P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results

Similar Description - TLK1201RCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201IRCPRG4 TI-TLK1201IRCPRG4 Datasheet
541Kb / 22P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201A TI-TLK2201A Datasheet
348Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201 TI-TLK1201 Datasheet
279Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201B TI-TLK2201B Datasheet
340Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201ARCP TI-TLK1201ARCP Datasheet
272Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201A TI1-TLK1201A Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2211 TI-TLK2211 Datasheet
551Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201B TI1-TLK2201B_13 Datasheet
1Mb / 24P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201 TI-TLK2201 Datasheet
263Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com