Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1201AIRCPRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLK1201AIRCPRG4
Description  Single Monolithic PLL Design
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1201AIRCPRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK1201AIRCPRG4 Datasheet HTML 7Page - Texas Instruments TLK1201AIRCPRG4 Datasheet HTML 8Page - Texas Instruments TLK1201AIRCPRG4 Datasheet HTML 9Page - Texas Instruments TLK1201AIRCPRG4 Datasheet HTML 10Page - Texas Instruments TLK1201AIRCPRG4 Datasheet HTML 11Page - Texas Instruments TLK1201AIRCPRG4 Datasheet HTML 12Page - Texas Instruments TLK1201AIRCPRG4 Datasheet HTML 13Page - Texas Instruments TLK1201AIRCPRG4 Datasheet HTML 14Page - Texas Instruments TLK1201AIRCPRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
REFERENCE CLOCK (REFCLK) TIMING REQUIREMENTS
TTL ELECTRICAL CHARACTERISTICS
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580D – FEBRUARY 2004 – REVISED SEPTEMBER 2007
MIN
NOM
MAX
UNIT
Supply voltage, VDD, VDD(A)
2.3
2.5
2.7
V
Total supply current, IDD, IDD(A)
Frequency = 1.25 Gbps, PRBS pattern
90
mA
Frequency = 1.25 Gbps, PRBS pattern
250
mW
Total power dissipation, PD
Frequency = 1.25 Gbps, worst case(1)
245
mW
Total shutdown current, IDD, IDD(A)
Enable = 0, VDD(A), VDD = 2.7 V
50
μA
Startup lock time, PLL
VDD, VDD(A) = 2.5 V, EN↑ to PLL acquire
500
μs
TLK1201A
0
70
Operating free-air temperature, TA
°C
TLK1201AI
-40
85
(1)
The worst case pattern is a pattern that creates a maximum transition density on the serial transceiver.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TLK1201A
TYP–0.01%
60
TYP+0.01%
Frequency
Minimum data rate
TLK1201AI
TYP–0.01%
60
TYP+0.01%
MHz
Frequency
Maximum data rate
TYP–0.01%
130
TYP+0.01%
Accuracy
100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Random plus deterministic
40
ps
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –400 μA
VDD–0.2
2.3
V
VOL
Low-level output voltage
IOL = 1 mA
GND
0.25
0.5
V
VIH
High-level input voltage
1.7
3.6
V
VIL
Low-level input voltage
0.8
V
IIH
High-level Input current
VDD = 2.3 V, VIN = 2 V
40
μA
IIL
Low-level Input current
VDD = 2.3 V, VIN = 0.4 V
–40
μA
CIN
Input capacitance
4
pF
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLK1201ARCP TLK1201AIRCP


Similar Part No. - TLK1201AIRCPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1201AIRCPRG4 TI1-TLK1201AIRCPRG4 Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results

Similar Description - TLK1201AIRCPRG4

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
JET-870-05 ROITHNER-JET-870-05 Datasheet
516Kb / 2P
   single chip design
JET-870-10 ROITHNER-JET-870-10 Datasheet
515Kb / 2P
   single chip design
JET-635-05 ROITHNER-JET-635-05 Datasheet
517Kb / 2P
   single chip design
JET-635-10 ROITHNER-JET-635-10 Datasheet
519Kb / 2P
   single chip design
JET-660-12 ROITHNER-JET-660-12 Datasheet
652Kb / 2P
   single chip design
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
JET-800-10 ROITHNER-JET-800-10 Datasheet
515Kb / 2P
   single chip design
JET-660-05 ROITHNER-JET-660-05 Datasheet
520Kb / 2P
   single chip design
JET-730-10 ROITHNER-JET-730-10 Datasheet
532Kb / 2P
   Single Chip Design
JET-685-10 ROITHNER-JET-685-10 Datasheet
518Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com