Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-5010 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # AN-5010
Description  IEEE 1284 Interface Design Solutions
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-5010 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  AN-5010 Datasheet HTML 1Page - Fairchild Semiconductor AN-5010 Datasheet HTML 2Page - Fairchild Semiconductor AN-5010 Datasheet HTML 3Page - Fairchild Semiconductor AN-5010 Datasheet HTML 4Page - Fairchild Semiconductor AN-5010 Datasheet HTML 5Page - Fairchild Semiconductor AN-5010 Datasheet HTML 6Page - Fairchild Semiconductor AN-5010 Datasheet HTML 7Page - Fairchild Semiconductor AN-5010 Datasheet HTML 8Page - Fairchild Semiconductor AN-5010 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
Application of 1284 Transceivers (Continued)
Peripheral EPP Application
The EPP advanced mode connection scheme and signals
are shown in Figure 3. The recommended
1284-C con-
nector is shown at the peripheral in this application. Figure
6 depicts the connection diagram for this application and
indicates the commonly used 1284-A connector at the host
PC. See Figure 7 for viewing connections for the IEEE rec-
ommended 1284-C connector. This is a connection dia-
gram for both the host and peripheral sides.
It should be noted that there is no IEEE 1284 signal desig-
nated for driving the direction pin on 1284-compliant trans-
ceivers. The direction signal for bidirectional data flow
control is generally programmed and driven from a circuit
block referred to as the controller. The peripheral controller
function is customarily implemented through use of a
microprocessor or an ASIC (application specific integrated
circuit) on the peripheral. On the host-side, the controller is
usually a single chip multi-functional device that may incor-
porate UARTs, disk and keyboard, and 1284 interface con-
troller
functions.
One
such
device
is
National
Semiconductor’s Super I/O Sidewinder PC87323VF.
FIGURE 3. Peripheral Side Application — Extended Parallel Port Signals


Similar Part No. - AN-5010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5015 FAIRCHILD-AN-5015 Datasheet
204Kb / 6P
   Transceiver and Specification Compliance
AN-5017 FAIRCHILD-AN-5017 Datasheet
236Kb / 5P
   LVDS Fundamentals
AN-5019 FAIRCHILD-AN-5019 Datasheet
105Kb / 2P
   Calculating Driver/Receiver Power
More results

Similar Description - AN-5010

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CD1283 INTEL-CD1283 Datasheet
1Mb / 94P
   IEEE 1284-Compatible Parallel Interface
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
logo
List of Unclassifed Man...
GL640 ETC-GL640 Datasheet
1Mb / 39P
   IEEE-1284 to USB Bridge
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
   IEEE 1284 SPECIAL PRINTER CABLE
AK733-18 ASSMANN-AK733-18 Datasheet
100Kb / 1P
   IEEE 1284 Bi-Directional Extension Cable
logo
List of Unclassifed Man...
QRC1284 ETC-QRC1284 Datasheet
139Kb / 2P
   TaNCap IEEE 1284 Integrated Filter Network
logo
IRC - a TT electronics ...
GUS-QRC1284X2-1-KM IRCTT-GUS-QRC1284X2-1-KM Datasheet
540Kb / 3P
   TaNCap IEEE 1284 Integrated Filter Network
logo
Assmann Electronics Inc...
AK735-5 ASSMANN-AK735-5 Datasheet
100Kb / 1P
   IEEE 1284 Bi-Directional Extension Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com