Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-6203 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # AN-6203
Description  Applying SG6203 to Control a Synchronous Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6203 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  AN-6203 Datasheet HTML 1Page - Fairchild Semiconductor AN-6203 Datasheet HTML 2Page - Fairchild Semiconductor AN-6203 Datasheet HTML 3Page - Fairchild Semiconductor AN-6203 Datasheet HTML 4Page - Fairchild Semiconductor AN-6203 Datasheet HTML 5Page - Fairchild Semiconductor AN-6203 Datasheet HTML 6Page - Fairchild Semiconductor AN-6203 Datasheet HTML 7Page - Fairchild Semiconductor AN-6203 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AN-6203
APPLICATION NOTE
© 2006 System General Corporation, a subsidiary of Fairchild Semiconductor Corporation
www.fairchildsemi.com
(IAO37.0011.B1) Rev. 1.1.1 • 1/17/08
6
78.0%
79.0%
80.0%
81.0%
82.0%
83.0%
84.0%
85.0%
86.0%
1A
2A
3A
4A
5A
6A
7A
8A
9A
10A
90Vac 20A Schottky
90Vac 1A Schottky + 15mohm MOS
Figure 10. Performance Comparison Between Diode Rectifier and MOSFET Synchronous Rectifier at 90VAC
78.0%
79.0%
80.0%
81.0%
82.0%
83.0%
84.0%
85.0%
86.0%
1A
2A
3A
4A
5A
6A
7A
8A
9A
10A
264Vac 20A Schottky
264Vac 1A Schottky + 15mohm MOS
Figure 11. Performance Comparison Between Diode Rectifier and MOSFET Synchronous Rectifier at 264VAC


Similar Part No. - AN-6203

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6206 FAIRCHILD-AN-6206 Datasheet
553Kb / 9P
   Primary-Side Synchronous Rectifier (SR) Trigger Solution for Dual-Forward Converter
AN-6208 FAIRCHILD-AN-6208 Datasheet
478Kb / 10P
   Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
More results

Similar Description - AN-6203

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5841 FAIRCHILD-AN-5841 Datasheet
385Kb / 8P
   Applying SG5841 to Control
AN-6756 FAIRCHILD-AN-6756 Datasheet
575Kb / 13P
   Applying FAN6756 to Control a Flyback Power Supply
logo
Silicon Laboratories
AN865 SILABS-AN865 Datasheet
1Mb / 7P
   APPLYING DUTY-CYCLE CONTROL TO SAVE POWER
logo
ON Semiconductor
FAN6292 ONSEMI-FAN6292 Datasheet
898Kb / 16P
   Compact Secondary-Side Synchronous Rectifier Control
February 2017- Rev. 1.0
logo
Texas Instruments
UCC3895EVM TI-UCC3895EVM Datasheet
1Mb / 19P
[Old version datasheet]   Using the UCC3895 in a Direct Control Driven Synchronous Rectifier Applications
logo
National Semiconductor ...
AN-242 NSC-AN-242 Datasheet
267Kb / 16P
   Applying a New Precision Op Amp
logo
International Rectifier
IRF7413ZPBF IRF-IRF7413ZPBF Datasheet
266Kb / 10P
   Control FET for Notebool Processor Power, Control and Synchronous Rectifier
logo
Sanken electric
NR887D SANKEN-NR887D Datasheet
58Kb / 2P
   Current Mode Control, Synchronous Rectifier Step-down Switching Mode
logo
JL World Company Limite...
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
   value applying rated voltage
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
   Value applying Rated Voltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com