Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-7502 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # AN-7502
Description  Power MOSFET Switching Waveforms
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-7502 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  AN-7502 Datasheet HTML 1Page - Fairchild Semiconductor AN-7502 Datasheet HTML 2Page - Fairchild Semiconductor AN-7502 Datasheet HTML 3Page - Fairchild Semiconductor AN-7502 Datasheet HTML 4Page - Fairchild Semiconductor AN-7502 Datasheet HTML 5Page - Fairchild Semiconductor AN-7502 Datasheet HTML 6Page - Fairchild Semiconductor AN-7502 Datasheet HTML 7Page - Fairchild Semiconductor AN-7502 Datasheet HTML 8Page - Fairchild Semiconductor AN-7502 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
Application Note 7502 Rev. A1
AN-7502
Power MOSFET Switching Waveforms:
A New Insight
The examination of power MOSFET voltage and current
waveforms during switching transitions reveals that the
device characterization now practiced by industry is inade-
quate. In this Note, device waveforms are explained by con-
sidering the interaction of a vertical JFET driven in cascode
from a lateral MOSFET in combination with the interelec-
trode capacitances. Particular attention is given to the
drain-voltage waveform and its dual-slope nature. The
three terminal capacitances now published by the industry
are shown to be valid only for zero drain current. For cases
where the gate drive is a voltage step generator with inter-
nal fixed resistance, the drain voltage characteristics are
inferred from the gate current drive behavior and compared
to observed waveforms. The nature of the “asymmetric
switching times” is explained.
A waveform family is proposed as a more descriptive and
accurate method of characterization. This new format is a
plot of drain voltage and gate voltage versus normalized
time. A family of curves is presented for a constant load
resistance with VDS varied. Gate drive during switching
transitions is a constant current with voltage compliance
limits of 0 and 10 volts. Time is normalized by the value of
gate driving current. The normalization shows excellent
agreement with data over five orders of magnitude, and is
bounded on one extreme by gate propagation effects and
on the other by transition time self-heating (typically tens of
nanoseconds to hundreds of microseconds).
Device Models
The keystone of an understanding of power MOSFET
switching performance is the realization that the active
device is bimodal and must be described using a model that
accounts for the dual nature. Buried in today’s power MOS-
FET devices is the equivalent of a depletion layer JFET that
contributes significantly to switching speed. Figure 1 is a
cross-sectional view of a typical power MOSFET, with MOS-
FET/JFET symbols superimposed on the structure.
Figure 2 is obtained by taking the lateral MOS and vertical
JFET from this conception and adding all the possible node-
to-node capacitances. Computed values of the six capaci-
tances for a typical device structure suggest that device
behavior may be adequately modeled using only three
capacitors in the manner of Figure 3. This is the model to be
employed for analysis and study.
FIGURE 1. CROSS-SECTION VIEW OF MOSFET SHOWING
EQUIVALENT MOS TRANSISTOR AND JFET
FIGURE 2.
MOS TRANSISTOR WITH CASCODE-CONNECTED
JFET AND ALL CAPACITORS
FIGURE 3.
FIGURE 2 SIMPLIFIED
Gate Drive: Constant Voltage or
Constant Current
Before moving on to the study of the equivalent circuit states
of the model, a gate-drive forcing function which is easy to
represent, relates to reality, and best illustrates device
behavior must be chosen. The choice may be immediately
narrowed to two:
(1) An instantaneous step voltage with internal resistance R,
Figure 5.
(2) An instantaneous step current with infinite internal resis-
tance, Figure 6.
SOURCE METAL
POLY GATE
GLASS GATE OXIDE
0
10 VOLTS
DEPLETION EDGE
40 VOLTS
n+ DRAIN
JFET
n-
MOS
n+ SOURCE
p BODY
p+
GATE
C1
C2
C6
C3
C5
C4
SOURCE
DRAIN
GATE
CGS
CDS
SOURCE
DRAIN
Cx
Application Note
October 1999
/Title
AN75
2)
Sub-
ect
Power
OS-
ET
witch
ng
ave-
orms:
New
nsi
ht)
Autho
()
Key-
ords
Inter-
il
orpo-
ation,
emi-
on-
uctor)
Cre-
tor ()
DOCI
FO
df-
ark
Page-
ode
Use-
ut-
ines


Similar Part No. - AN-7502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-7500 FAIRCHILD-AN-7500 Datasheet
113Kb / 5P
   Understanding Power MOSFETs
AN-7503 FAIRCHILD-AN-7503 Datasheet
182Kb / 6P
   The Application Of Conductivity-Modulated
AN-7506 FAIRCHILD-AN-7506 Datasheet
247Kb / 9P
   Spicing-Up Spice II Software For Power MOSFET
AN-7508 FAIRCHILD-AN-7508 Datasheet
81Kb / 2P
   HVIC/IGBT Half-Bridge Converter Evaluation Circuit
More results

Similar Description - AN-7502

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
AN5569 DYNEX-AN5569 Datasheet
440Kb / 4P
   Standard Waveforms
logo
DinTek Semiconductor Co...
DTGT15N135 DINTEK-DTGT15N135 Datasheet
1Mb / 8P
   Soft current turn-off waveforms
DTGT15N120P DINTEK-DTGT15N120P Datasheet
1Mb / 7P
   Soft current turn-off waveforms
DTGT15N120 DINTEK-DTGT15N120 Datasheet
1Mb / 9P
   Soft current turn-off waveforms
logo
STMicroelectronics
STEVAL-IME013V1 STMICROELECTRONICS-STEVAL-IME013V1 Datasheet
255Kb / 4P
   USB connector to download stored waveforms
April 2016 Rev 2
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com