Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM26B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BYM26B
Description  SUPER FAST RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYM26B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BYM26B Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYM26B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
REVERSE VOLTAGE,VOLTS
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD CURRENT, VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
0
2
0
25
50
75
100
125
150
175
1
3
4
5
S ingle P ha se
H a lf W ave 60H Z
R e sistiv e or
In d u ctiv e Load
0.3 75"(9 .5m m )Le ad Length
0.1
1.0
10
100
0.8
1.2
1.6
2.0
2.4
2.8
3.2
TJ=25
Pulse Width=300
µs
0
15
10
20
50
30
40
10
10 0
50
8.3m s S ingle H alf
S in e-W a ve
TJ=25
f=1.0MHz
10
20
40
100
200
400
1000
0.1 0.2
0.4
1
2
4
10
40
100
20
www.sunmate.tw


Similar Part No. - BYM26B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYM26B PHILIPS-BYM26B Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
logo
Galaxy Semi-Conductor H...
BYM26B BILIN-BYM26B Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM26B LUGUANG-BYM26B Datasheet
163Kb / 2P
   Super Fast Rectifiers
logo
Thinki Semiconductor Co...
BYM26B THINKISEMI-BYM26B Datasheet
3Mb / 2P
   2.3 Amperes Glass Passivated Ultra Fast Recovery Rectifier Diode
logo
Gulf Semiconductor
BYM26BGP GULFSEMI-BYM26BGP Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00V to 1000V CURRENT: 2.3A
More results

Similar Description - BYM26B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SF21 EIC-SF21 Datasheet
48Kb / 2P
   SUPER FAST RECTIFIER DIODES
SFT1 EIC-SFT1 Datasheet
42Kb / 2P
   SUPER FAST RECTIFIER DIODES
SFT1 EIC-SFT1_05 Datasheet
39Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SFT1 SYNSEMI-SFT1 Datasheet
34Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
SF21G SUNMATE-SF21G Datasheet
285Kb / 2P
   SUPER FAST RECTIFIER DIODES
31GF2 SUNMATE-31GF2 Datasheet
428Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
RG10 EIC-RG10_05 Datasheet
42Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SF61 SYNSEMI-SF61 Datasheet
36Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
31Kb / 2P
   SUPER FAST RECTIFIER DIODES
SF31 EIC-SF31 Datasheet
31Kb / 2P
   SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com