Electronic Components Datasheet Search |
|
TLV2460CDR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TLV2460CDR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 71 page TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS220J − JULY 1998 − REVISED FEBRUARY 2004 6 WWW.TI.COM absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD (see Note 1) 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID − 0.2 V to VDD + 0.2 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current, II (any input) ± 200 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current, IO ± 175 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total input current, II (into VDD+) 175 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total output current, IO (out of GND) 175 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: C suffix 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I and Q suffix −40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . M suffix −55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: All voltage values, except differential voltages, are with respect to GND. DISSIPATION RATING TABLE FOR C and I SUFFIX PACKAGE θJC θJA TA ≤ 25°C TA < 125°C PACKAGE θJC ( °C/W) θJA ( °C/W) TA ≤ 25 C POWER RATING TA < 125 C POWER RATING D (8) 38.3 176 710 mW 142 mW D (14) 26.9 122.6 1022 mW 204.4 mW D (16) 25.7 114.7 1090 mW 218 mW DBV (5) 55 324.1 385 mW 77.1 mW DBV (6) 55 294.3 425 mW 84.9 mW DGK 54.2 259.9 481 mW 96.2 mW DGS 54.1 257.7 485 mW 97 mW N (14, 16) 32 78 1600 mW 320.5 mW P (8) 41 104 1200 mW 240.4 mW PW (14) 29.3 173.6 720 mW 144 mW PW (16) 28.7 161.4 774 mW 154.9 mW NOTE: Thermal resistances are not production tested and are for informational purposes only. DISSIPATION RATING TABLE FOR Q and M SUFFIX PACKAGE TA ≤ 25°C DERATING FACTOR ‡ TA = 70°C TA = 85°C TA = 125°C PACKAGE TA ≤ 25 C POWER RATING DERATING FACTOR ABOVE TA = 25°C‡ TA = 70 C POWER RATING TA = 85 C POWER RATING TA = 125 C POWER RATING FK 1375 mW 11.0 mW/ °C 880 mW 715 mW 275 mW JG 1050 mW 8.4 mW/ °C 672 mW 546 mW 210 mW U 675 mW 5.4 mW/ °C 432 mW 350 mW 135 mW ‡ This is the inverse of the traditional junction-to-ambient thermal resistance (RΘJA). Thermal resistances are not production tested and are for informational purposes only. Device TLV2465A is Obsolete |
Similar Part No. - TLV2460CDR |
|
Similar Description - TLV2460CDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |