Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1455 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC1455
Description  Timers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1455 Datasheet(HTML) 1 Page - ON Semiconductor

  MC1455 Datasheet HTML 1Page - ON Semiconductor MC1455 Datasheet HTML 2Page - ON Semiconductor MC1455 Datasheet HTML 3Page - ON Semiconductor MC1455 Datasheet HTML 4Page - ON Semiconductor MC1455 Datasheet HTML 5Page - ON Semiconductor MC1455 Datasheet HTML 6Page - ON Semiconductor MC1455 Datasheet HTML 7Page - ON Semiconductor MC1455 Datasheet HTML 8Page - ON Semiconductor MC1455 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
March, 2004 − Rev. 8
1
Publication Order Number:
MC1455/D
MC1455, MC1455B,
NCV1455B
Timers
The MC1455 monolithic timing circuit is a highly stable controller
capable of producing accurate time delays or oscillation. Additional
terminals are provided for triggering or resetting if desired. In the time
delay mode, time is precisely controlled by one external resistor and
capacitor. For astable operation as an oscillator, the free−running
frequency and the duty cycle are both accurately controlled with two
external resistors and one capacitor. The circuit may be triggered and
reset on falling waveforms, and the output structure can source or sink
up to 200 mA or drive MTTL circuits.
Direct Replacement for NE555 Timers
Timing from Microseconds through Hours
Operates in Both Astable and Monostable Modes
Adjustable Duty Cycle
High Current Output Can Source or Sink 200 mA
Output Can Drive MTTL
Temperature Stability of 0.005% per °C
Normally ON or Normally OFF Output
http://onsemi.com
P1 SUFFIX
PLASTIC PACKAGE
CASE 626
1
8
D SUFFIX
PLASTIC PACKAGE
CASE 751
8
1
MARKING
DIAGRAMS
XXXXXXXXX
AWL
YYWW
XXXXXX
ALYW
1
8
See detailed ordering and shipping information in the package
dimensions section on page ___ of this data sheet.
ORDERING INFORMATION
(Create − Named − OrderingInfoText.)
xx
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Figure 1. 22 Second Solid State Time Delay Relay Circuit
Figure 2. Representative Block Diagram
Figure 3. General Test Circuit
1.0 k
Load
MT2
10 k
0.1
mF
0.01
mF
1
5
2
4
38
6
7
1.0
mF
C
20M
G
MT1
−10 V
1N4003
1N4740
3.5 k
250 V
+
t = 1.1; R and C = 22 sec
Time delay (t) is variable by
changing R and C (see Figure 16).
10
mF
VCC
Threshold
Control Voltage
Trigger
6
5
2
5 k
8
5 k
5 k
+
Comp
A
+
Comp
B
1
Gnd
Reset
4
R
S
Flip
Flop
Q
Inhibit/
Reset
7
3
Discharge
Output
R
MC1455
VR
Reset
4
8
ICC
VCC
700
Discharge
6
Threshold
7
Ith
2.0 k
VS
Trigger
2
Gnd
1
3
ISink
ISource
VO
0.01
mF
+
5
Control
Voltage
Output
VCC
MC1455
Test circuit for measuring DC parameters (to set output and
measure parameters):
a) When VS w 2/3 VCC, VO is low.
b) When VS v 1/3 VCC, VO is high.
c) When VO is low, Pin 7 sinks current. To test for Reset, set VO
c) high, apply Reset voltage, and test for current flowing into Pin 7.
c) When Reset is not in use, it should be tied to VCC.


Similar Part No. - MC1455

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
223Kb / 11P
   Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
December, 2009 ??Rev. 10
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
MC145501 MOTOROLA-MC145501 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
More results

Similar Description - MC1455

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
   Timers Multifunction
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
logo
List of Unclassifed Man...
EBSSM2310M ETC2-EBSSM2310M Datasheet
63Kb / 2P
   Timers Interval
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
   Timers Multifunction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com