Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1455D Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC1455D
Description  Timers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1455D Datasheet(HTML) 2 Page - ON Semiconductor

  MC1455D Datasheet HTML 1Page - ON Semiconductor MC1455D Datasheet HTML 2Page - ON Semiconductor MC1455D Datasheet HTML 3Page - ON Semiconductor MC1455D Datasheet HTML 4Page - ON Semiconductor MC1455D Datasheet HTML 5Page - ON Semiconductor MC1455D Datasheet HTML 6Page - ON Semiconductor MC1455D Datasheet HTML 7Page - ON Semiconductor MC1455D Datasheet HTML 8Page - ON Semiconductor MC1455D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC1455, MC1455B, NCV1455B
http://onsemi.com
2
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
+18
Vdc
Discharge Current (Pin 7)
I7
200
mA
Power Dissipation (Package Limitation)
P1 Suffix, Plastic Package
Derate above TA = +25°C
D Suffix, Plastic Package
Derate above TA = +25°C
PD
PD
625
5.0
625
160
mW
mW/
°C
mW
°C/W
Operating Temperature Range (Ambient)
MC1455B
MC1455
NCV1455B
TA
−40 to +85
0 to +70
−40 to +125
°C
Maximum Operating Die Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, VCC = +5.0 V to +15 V, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Operating Supply Voltage Range
VCC
4.5
16
V
Supply Current
VCC = 5.0 V, RL = R
VCC = 15 V, RL = R, Low State (Note 1)
ICC
3.0
10
6.0
15
mA
Timing Error (R = 1.0 k
W to 100 kW) (Note 2)
Initial Accuracy C = 0.1
mF
Drift with Temperature
Drift with Supply Voltage
1.0
50
0.1
%
PPM/
°C
%/V
Threshold Voltage/Supply Voltage
Vth/VCC
2/3
Trigger Voltage
VCC = 15 V
VCC = 5.0 V
VT
5.0
1.67
V
Trigger Current
IT
0.5
mA
Reset Voltage
VR
0.4
0.7
1.0
V
Reset Current
IR
0.1
mA
Threshold Current (Note 3)
Ith
0.1
0.25
mA
Discharge Leakage Current (Pin 7)
Idischg
100
nA
Control Voltage Level
VCC = 15 V
VCC = 5.0 V
VCL
9.0
2.6
10
3.33
11
4.0
V
Output Voltage Low
ISink = 10 mA (VCC = 15 V)
ISink = 50 mA (VCC = 15 V)
ISink = 100 mA (VCC = 15 V)
ISink = 200 mA (VCC = 15 V)
ISink = 8.0 mA (VCC = 5.0 V)
ISink = 5.0 mA (VCC = 5.0 V)
VOL
0.1
0.4
2.0
2.5
0.25
0.25
0.75
2.5
0.35
V
Output Voltage High
VCC = 15 V (ISource = 200 mA)
VCC = 15 V (ISource = 100 mA)
VCC = 5.0 V (ISource = 100 mA)
VOH
12.75
2.75
12.5
13.3
3.3
V
Rise Time Differential Output
tr
100
ns
Fall Time Differential Output
tf
100
ns
1. ‘Supply current when output is high is typically 1.0 mA less.
2. Tested at VCC = 5.0 V and VCC = 15 V Monostable mode.
3. This will determine the maximum value of RA + RB for 15 V operation. The maximum total R = 20 MW .
4. Tlow = 0°C for MC1455, Tlow = −40°C for MC1455B, NCV1455B
Thigh = +70°C for MC1455, Thigh = +85°C for MC1455B, Thigh = +125°C for NCV1455B
5. NCV prefix is for Automotive and other applications requiring site and change control.


Similar Part No. - MC1455D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455D ONSEMI-MC1455D Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
MC1455D ONSEMI-MC1455D Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455D ONSEMI-MC1455D Datasheet
223Kb / 11P
   Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
December, 2009 ??Rev. 10
MC1455DG ONSEMI-MC1455DG Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455DG ONSEMI-MC1455DG Datasheet
223Kb / 11P
   Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
December, 2009 ??Rev. 10
More results

Similar Description - MC1455D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
   Timers Multifunction
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
logo
List of Unclassifed Man...
EBSSM2310M ETC2-EBSSM2310M Datasheet
63Kb / 2P
   Timers Interval
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
   Timers Multifunction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com