Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1904 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC1904
Description  Precision Quad Supply and Line Monitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1904 Datasheet(HTML) 4 Page - Texas Instruments

  UC1904_08 Datasheet HTML 1Page - Texas Instruments UC1904_08 Datasheet HTML 2Page - Texas Instruments UC1904_08 Datasheet HTML 3Page - Texas Instruments UC1904_08 Datasheet HTML 4Page - Texas Instruments UC1904_08 Datasheet HTML 5Page - Texas Instruments UC1904_08 Datasheet HTML 6Page - Texas Instruments UC1904_08 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PIN FUNCTIONAL DESCRIPTION
2.5V: This is the output of the precision 2.5V reference.
ARST Input: This input, with a 4:1 hysteretic threshold,
is used to sequence a power system through the Auto
ReStarT cycle. A delayed representation of a supply out-
put voltage is used at this pin to provide adequate startup
time for the power system, and a minimum power-off pe-
riod.
Gnd: Reference point for the internal reference and all
thresholds, as well as the return for the remainder of the
device.
LS Input: The Line Sense input is used to monitor a volt-
age that varies with the input line voltage to a system.
The input is compared to a precision 2.0V level and is
used to activate the PWRW and PG outputs, as well as
triggering the Auto Restart sequence.
OC Input: The Over-Current input can be used to re-
spond to an inverted over-current signal. A low level sig-
nal at this input latches in a fault indication at the OV/OC
output.
OFF DLY: This pin functions similarly to the POR DLY
pin to delay the turn-on of the ON/OFF output transistor.
The charging current and upper threshold are 12
µA and
2.1V.
ON/OFF Input: With a high level at this input the
ON/OFF Out pin is activated after a user-programmable
delay. A high level also activates the PG Out pin, and re-
sets the OV/OC fault latch.
On/Off Out: This output is an open collector output that
is activated by the ON/OFF Input, or the Auto Restart cir-
cuitry. Saturation voltage on this and all the open collec-
tor outputs is rated at 10mA of current.
OV/OC Out: In response to either an Over-Voltage or
Over-Current situation this output is latched active low.
There is nominal 20
µs delay in the OV path to the fault
latch, providing rejection to transient overshooting on the
monitored voltages. The low condition is cleared when
the fault latch is reset by the ON/OFF Input, or a UVLO
condition on the device.
POR DLY: This pin is used, with an external capacitor, to
program a Power-On-Reset delay. This delay is reset
whenever there is a UV condition at one of the S1-S4 in-
puts, and then triggered upon the clearing of the UV con-
dition. When reset, the voltage across the capacitor is
quickly discharged to near zero volts, and the PG Out pin
goes active low. Once triggered the capacitor is charged
by a 9
µA current source. The PG Out pin remains active
low until the delay capacitor voltage reaches a 2.1V
threshold.
PG Out: During any fault, under-voltage, or UVLO condi-
tion this output is low. A Power Good indication (output
off) is given when all supply conditions are within defined
operating limits. During power-up the PG signal is de-
layed by a programmable Power On Reset delay. During
UVLO the output is active low as long as the input sup-
ply, VIN, is above approximately 1.0V.
PWRW Out: When a low line condition is sensed by the
LS Input this output goes low. This output is disabled
(off) during a UVLO condition.
S1-S4: These are the sense inputs for OV and UV moni-
toring of external voltages. All four inputs can be used to
sense positive voltages with a simple divider to scale the
voltage level to the 2.5V centered window. The S3 and
S4 inputs can also be used to sense -12V and -5V sup-
plies respectively with no external components. This is
done with internal precision resistor dividers and two
source only op-amps that are disabled when the pins are
used in the positive mode.
VIN: Input supply for the UC1904. The device is opera-
tional with 4.75V to 18V on this pin.
WADJ: The WADJ input is used to program the OV and
UV window thresholds. The OV-UV window is centered
around the 2.5V reference and is nominally
±20% per
volt on the WADJ input pin.
UC1904
UC2904
UC3904
4


Similar Part No. - UC1904_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
More results

Similar Description - UC1904_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1903J TI1-UC1903J Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com