Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1904 Datasheet(PDF) 2 Page - Texas Instruments

Part # UC1904
Description  Precision Quad Supply and Line Monitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1904 Datasheet(HTML) 2 Page - Texas Instruments

  UC1904 Datasheet HTML 1Page - Texas Instruments UC1904 Datasheet HTML 2Page - Texas Instruments UC1904 Datasheet HTML 3Page - Texas Instruments UC1904 Datasheet HTML 4Page - Texas Instruments UC1904 Datasheet HTML 5Page - Texas Instruments UC1904 Datasheet HTML 6Page - Texas Instruments UC1904 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UC1904
UC2904
UC3904
Input Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Sense Inputs, S1 And S2, Other Analog And Logic Inputs
Maximum Forced Voltage . . . . . . . . . . . . . . . . . . -0.3V to 10V
Maximum Forced Current . . . . . . . . . . . . . . . . . . . . . .
±10mA
Sense Input S3, (-12V Sense Input)
Maximum Forced Voltage . . . . . . . . . . . . . . . . . . -18V to 10V
Maximum Forced Current . . . . . . . . . . . . . . . . . . . . . .
±10mA
Sense Input S4, (-5V Sense Input)
Maximum Forced Voltage . . . . . . . . . . . . . . . . . . -10V to 10V
Maximum Forced Current . . . . . . . . . . . . . . . . . . . . . .
±10mA
Open Collector Outputs
Maximum Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Maximum Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Reference Output Current . . . . . . . . . . . . . . . Internally Limited
Operating Junction Temperature . . . . . . . . . . . -55
°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . -65
°C to +150°C
PACKAGE PIN FUNCTION
FUNCTION
PIN
2.5V
1
POR DLY
2
N.C.
3
S1
4
S2
5
S3
6
S4
7
N.C.
8
LS Input
9
OC Input
10
PWRW Out
11
PG Out
12
OV/OC Out
13
VIN
14
ON/OFF Out
15
OFF DLY
16
ON/OFF Input
17
ARST Input
18
WADJ
19
Gnd
20
DIL-18, SOIC-18 (TOP VIEW)
J or N PACKAGE, DW PACKAGE
PLCC-20 (TOP VIEW)
Q PACKAGE
CONNECTION DIAGRAMS
ABSOLUTE MAXIMUM RATINGS (Note 1)
Note 1: Unless otherwise indicated, voltages are reference to
ground and currents are positive into, negative out of, the speci-
fied terminals.
Unless otherwise stated, these specifications hold for TA = 0 to 70
°C for the
UC3904, -40 to +85
°C for the UC2904, and -55 to +125°C for the UC1904, +VIN =
15V, WADJ = 0.5V, Sense Inputs 1-4, OC and LS Inputs = 2.5V. The ON/OFF Input
and the ARST Input = 0V.
ELECTRICAL CHARACTERISTICS:
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
VIN Supply Current
VIN = 15V
3.2
4.5
mA
VIN UVLO Threshold
Low to High
4.5
4.75
V
UVLO Threshold Hysteresis
50
mV
Minimum VIN to Enable PG Out
0.8
1.5
V
Reference
Output Voltage(VREF)TJ = 25
°C
2.475
2.5
2.525
V
Over Temperature, UC3904
2.47
2.53
V
Over Temperature, UC2904 & UC1904
2.465
2.535
V
Load Regulation
IOUT = 0 to 4mA
6
mV
Line Regulation
VIN = 4.75 to 18V
5
mV
Short Circuit Current
VREF = 0V
17
mA
OV UV Window, LS Input, OC Input, ARST Input, and ON/OFF Input Thresholds
Over-Voltage Thresholds
WADJ = 0.25V, Offset from VREF, Input L to H
110
125
140
mV
S1, S2
WADJ = 0.5V, Offset from VREF, Input L to H
230
250
270
mV
WADJ = 1V, Offset from VREF, Input L to H
460
500
540
mV
Over-Voltage Thresholds
WADJ = 0.25V, Offset from VREF, Input L to H
110
125
145
mV
S3, S4 Positive Mode
WADJ = 0.5V, Offset from VREF, Input L to H
230
250
280
mV
WADJ = 1V, Offset from VREF, Input L to H
460
500
550
mV
2


Similar Part No. - UC1904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
More results

Similar Description - UC1904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1903J TI1-UC1903J Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com