Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1844 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UC1844
Description  Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1844 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC1844 Datasheet HTML 3Page - Texas Instruments UC1844 Datasheet HTML 4Page - Texas Instruments UC1844 Datasheet HTML 5Page - Texas Instruments UC1844 Datasheet HTML 6Page - Texas Instruments UC1844 Datasheet HTML 7Page - Texas Instruments UC1844 Datasheet HTML 8Page - Texas Instruments UC1844 Datasheet HTML 9Page - Texas Instruments UC1844 Datasheet HTML 10Page - Texas Instruments UC1844 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Temp Stability =
VREF:max ; F VREF:min ;
TJ:max ; F TJ:min ;
7
UC1842, UC2842, UC3842, UC1843, UC2843, UC3843
UC1844, UC2844, UC3844, UC1845, UC2845, UC3845
www.ti.com
SLUS223D – APRIL 1997 – REVISED AUGUST 2016
Product Folder Links: UC1842 UC2842 UC3842 UC1843 UC2843 UC3843 UC1844 UC2844 UC3844 UC1845
UC2845 UC3845
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Thermal Information (continued)
THERMAL METRIC(1)
UCx84x
UNIT
D (SOIC)
D (SOIC)
P (PDIP)
FK (LCCC)
8 PINS
14 PINS
8 PINS
20 PINS
RθJC(bottom)
Junction-to-case (bottom) thermal resistance
4.1
°C/W
(1)
Adjust VCC above the start threshold before setting at 15 V
(2)
Specified by design. Not production tested.
(3)
Temperature stability, sometimes referred to as average temperature coefficient, is described by the equation:
VREFmin and VREFmax are the maximum and minimum reference voltages
measured over the appropriate temperature range. Note that the extremes in voltage do not necessarily occur at the extremes in
temperature.
(4)
OUTPUT switching frequency, fSW, equals the oscillator frequency, fOSC, for the UCx842 and UCx843. OUTPUT switching frequency,
fSW, is one half oscillator frequency, fOSC, for the UCx844 and UCx845.
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted) –55°C
≤ TA ≤ 125°C for the UC184x; –40°C ≤ TA ≤ 85°C
for the UC284x, 0°C
≤ TA ≤ 70°C for the UC384x, VVCC = 15 V
(1); 0.1 µF capacitor from VCC to GROUND, 0.1 µF capacitor
from VREF to GROUND, RRT = 10 kΩ; CCT = 3.3 nF, TJ = TA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
VVREF
Reference voltage
IVREF = 1 mA, TJ = 25°C
UC184x
and
UC284x
4.95
5
5.05
V
UC384x
4.9
5
5.1
Line regulation
12
≤ VCC ≤ 25 V
6
20
mV
Load regulation
1
≤ IVREF ≤ 20 mA
6
25
mV
Temperature stability
See (2) (3)
0.2
0.4
mV/°C
Total output variation
Line, load, temperature (2)
UC184x
and
UC284x
4.9
5.1
V
UC384x
4.82
5.18
Output noise voltage
10 Hz
≤ fOSC ≤ 10 kHz,
(2) T
J = 25°C
50
μV
Long term stability
TA = 125°C, 1000 Hrs
(2)
5
25
mV
Output short circuit
–30
–100
–180
mA
OSCILLATOR SECTION
fOSC
Initial accuracy
TJ = 25°C
(4)
47
52
57
kHz
Voltage stability
12
≤ VCC ≤ 25 V
0.2%
1%
Temperature stability
TMIN ≤ TA ≤ TMAX
(2)
5%
VRT/CT
Amplitude
Peak-to-peak (2)
1.7
V
ERROR AMPLIFIER SECTION
VVFB
Input voltage
VCOMP = 2.5 V
UC184x
and
UC284x
2.45
2.5
2.55
V
UC384x
2.42
2.5
2.58
IVFB
Input bias current
UC184x
and
UC284x
–1
µA
UC384x
–2
AVOL
2
≤ VCOMP ≤ 4 V
65
90
dB
Unity gain bandwidth
TJ = 25°C
(2)
0.7
1
MHz
PSRR
Power supply rejection ratio
12
≤ VCC ≤ 25 V
60
70
dB
I(snk)
COMP sink current
VVFB = 2.7 V, VCOMP = 1.1 V
2
6
mA
I(src)
COMP source current
VVFB = 2.3 V, VCOMP = 5 V
–0.5
–0.8


Similar Part No. - UC1844

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1844 TI-UC1844 Datasheet
433Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC1844 TI-UC1844 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC1844 TI-UC1844 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1844 TI-UC1844 Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1844 TI-UC1844 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC1844

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com