Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3578 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UC3578
Description  Buck Pulse Width Modulator Stepdown Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3578 Datasheet(HTML) 5 Page - Texas Instruments

  UC3578 Datasheet HTML 1Page - Texas Instruments UC3578 Datasheet HTML 2Page - Texas Instruments UC3578 Datasheet HTML 3Page - Texas Instruments UC3578 Datasheet HTML 4Page - Texas Instruments UC3578 Datasheet HTML 5Page - Texas Instruments UC3578 Datasheet HTML 6Page - Texas Instruments UC3578 Datasheet HTML 7Page - Texas Instruments UC3578 Datasheet HTML 8Page - Texas Instruments UC3578 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
UC2578
UC3578
MOSFET and result in startup problems with the regula-
tor. A Schottky rectifier is used for the free-wheeling di-
ode to limit the negative excursion of the source. This will
also limit the reverse recovery current thus limiting the in-
ductive voltage spike.
In applications where transient load excursions may re-
sult in a no load condition, it is necessary that the output
of the regulator be loaded with a small load current
(10mA to 15mA). This will prevent the output voltage
from going unregulated at no load. This small load cur-
rent is necessary for proper operation of the floating
driver since the source must fly low to charge up the
floating driver capacitance.
Thermal Considerations
For proper operation and reliability of the UC3578,
proper thermal management is essential. It is important
that the designer keep in mind that with surface mount
packages, a significant amount of the heat that the de-
vice generates is conducted out through the lead frame.
Because of this, the PCB design becomes a critical part
of the thermal management system. Worst case junc-
tion-to-ambient thermal resistance for different package
configurations are given in a table in the data book in the
package information section.
The maximum ambient operating temperature is an im-
portant factor in determining what the maximum operat-
ing voltage can be for a particular application. For
example, if we assume a maximum operating ambient
temperature of 70°C we can determine what the maxi-
mum allowable input voltage can be given other parame-
ters such as package thermal impedance and MOSFET
total gate charge by following the procedure outlined be-
low;
()
TT
C
C
C
J
A
max ––
° = °
125
70
55
.
(1)
Pd =
55 C
58 C / W
= 0.95W
°
°
,
(2)
where 58°C/W is the worst case theta j-a for the 16 pin
DP package and Pd is the package power dissipation.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
µF
470pF
0.1
µF
0.01
µF
1N4148
N/C
EAINV
EAOUT
GND
GND
SRC
OUT
N/C
SS
CS
VCC
GND
GND
DIODE
VGG
N/C
UC3578
330
0.1
µF
0.1
µF
8.25k
5.62k
2200
µF
2200
µF
680pF
51
1
2
10
30
µH
470
200
13
1N4148
5
220
µF
220
µF
V
IN(–)
V
IN(+)
15k
TIP47
1N4745A
47
µF
47k
2200pF
100pF
2
3
1
HS3
23
1
HS1
IRF530
V
OUT(–)
V
OUT(+)
HS1, HS2, HS3: HEATSINKS
HS2
MBR10100
Figure 2. Detailed application schematic for the UC3578 evaluation board.
APPLICATION INFORMATION (cont.)
UDG-99100
Not Recommended for New Designs


Similar Part No. - UC3578

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3578 TI-UC3578 Datasheet
133Kb / 7P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC3578DP TI-UC3578DP Datasheet
133Kb / 7P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC3578N TI-UC3578N Datasheet
133Kb / 7P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
More results

Similar Description - UC3578

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2578 TI-UC2578 Datasheet
133Kb / 7P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC1573 TI-UC1573 Datasheet
136Kb / 5P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Regulator
UC2573D TI1-UC2573D Datasheet
1Mb / 12P
[Old version datasheet]   Buck Pulse Width Modulator Stepdown Voltage Refgulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com