Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3526AN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UC3526AN
Description  Regulating Pulse Width Modulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3526AN Datasheet(HTML) 4 Page - Texas Instruments

  UC3526AN Datasheet HTML 1Page - Texas Instruments UC3526AN Datasheet HTML 2Page - Texas Instruments UC3526AN Datasheet HTML 3Page - Texas Instruments UC3526AN Datasheet HTML 4Page - Texas Instruments UC3526AN Datasheet HTML 5Page - Texas Instruments UC3526AN Datasheet HTML 6Page - Texas Instruments UC3526AN Datasheet HTML 7Page - Texas Instruments UC3526AN Datasheet HTML 8Page - Texas Instruments UC3526AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS:
PARAMETER
TEST CONDITIONS
UC1526A
UC2526A
UC3526A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Soft-Start Section
Error Clamp Voltage
RESET = +0.4V
0.1
0.4
0.1
0.4
V
CS Charging Current
RESET = +2.4V
50
100
150
50
100
150
µA
Output Drivers (Each Output) (Note 9)
HIGH Output Voltage
ISOURCE = 20mA
12.5
13.5
12.5
13.5
V
ISOURCE = 100mA
12
13
12
13
V
LOW Output Voltage
ISINK = 20mA
0.2
0.3
0.2
0.3
V
ISINK = 100mA
1.2
2.0
1.2
2.0
V
Collector Leakage
VC = 40V
50
150
50
150
µA
Rise Time
CL = 1000pF (Note 5)
0.3
0.6
0.3
0.6
µs
Fall Time
CL = 1000pF (Note 5)
0.1
0.2
0.1
0.2
µs
Cross-Conduction Charge
Per cycle, TJ = 25°C
8
8
nC
Power Consumption (Note 10)
Standby Current
SHUTDOWN = +0.4V
14
20
14
20
mA
Note 4: IL = 0mA.
Note 5: Guaranteed by design, not 100% tested in production.
Note 6: FOSC = 40kHz, (RT = 4.12k
Ω ± 1%, CT = 0.01µF± 1%,
RD = 0
Ω).
Note 7: VCM = 0 to +5.2V
Note 8: VCM = 0 to +12V.
Note 9: VC = +15V.
Note 10:VIN = +35V, RT = 4.12k
Ω.
Open Loop Test Circuit UC1526A
+VIN = 15V, and over operating ambient temperature, unless otherwise specified TA = TJ.
UC1526A
UC2526A
UC3526A
4


Similar Part No. - UC3526AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3526AN TI-UC3526AN Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
UC3526ANG4 TI-UC3526ANG4 Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
More results

Similar Description - UC3526AN

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com