Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2838AJ Datasheet(PDF) 4 Page - Texas Instruments

Part # UC2838AJ
Description  MAGNETIC AMPLIFIER CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2838AJ Datasheet(HTML) 4 Page - Texas Instruments

  UC2838AJ Datasheet HTML 1Page - Texas Instruments UC2838AJ Datasheet HTML 2Page - Texas Instruments UC2838AJ Datasheet HTML 3Page - Texas Instruments UC2838AJ Datasheet HTML 4Page - Texas Instruments UC2838AJ Datasheet HTML 5Page - Texas Instruments UC2838AJ Datasheet HTML 6Page - Texas Instruments UC2838AJ Datasheet HTML 7Page - Texas Instruments UC2838AJ Datasheet HTML 8Page - Texas Instruments UC2838AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UC2838, UC2838A
UC3838, UC3838A
SLUS221A – APRIL 2000 – REVISED MAY 2001
4
www.ti.com
typical application
NOTE: 12 V, 4 A output with switching frequency = 50 kHz.
+
+
3
2
6
7
4.7 k
0.47
8
16
15 k
0.1
1
15
20
14
11
10
REF
9
4, 5, 12, 13
2.5 V
300
1 W
UES1003
UES2403
UES2403
100
0.02
100
9.1 k
1000
3.6 k
12 k
2 k
2.4 k
+
GND
+V O
100
µH
UC3838/A
15 V
AUXILLIARY
SUPPLY
12 V
SECONDARY
WINDING
MAGNETIC
AMPLIFIER
45 TURNS
50B10–1D CORE
APPLICATION INFORMATION
Figure 1.
0.1
10
1 k
10 k
1 M
0
20
40
60
80
100
120
Signal Frequency – Hz
360
315
270
225
180
1.0
100
0.1 M
Phase
Gain
VO
VIN
+
VIN
2.5 V
VO
Gain = 20 Log
140
GAIN MAGNITUDE/PHASE
vs
SIGNAL FREQUENCY
Figure 2.
–0.2
–0.4
–0.8
–1.0
–1.2
–20
–40
–60
Input Current – mA
–80
–100
0
–0.6
–1.4
0
–120
T J= 25 C
T J= –55 C
T J= 125 C
GAIN MAGNITUDE
vs
SIGNAL FREQUENCY


Similar Part No. - UC2838AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2838A TI-UC2838A Datasheet
270Kb / 5P
[Old version datasheet]   Magnetic Amplifier Controller
More results

Similar Description - UC2838AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2838N TI-UC2838N Datasheet
343Kb / 11P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
UC1838A TI-UC1838A Datasheet
270Kb / 5P
[Old version datasheet]   Magnetic Amplifier Controller
logo
STMicroelectronics
AN904 STMICROELECTRONICS-AN904 Datasheet
39Kb / 3P
   MAGNETIC AMPLIFIER WITH LPR30 CONTROLLER
December 1997
logo
Advanced Micro Devices
AM95C95 AMD-AM95C95 Datasheet
295Kb / 6P
   Magnetic Disk Controller
logo
STMicroelectronics
L484 STMICROELECTRONICS-L484 Datasheet
442Kb / 11P
   MAGNETIC PICKUP IGNITION CONTROLLER
logo
Sanyou Corporation Limi...
SY33L SANYOU-SY33L Datasheet
515Kb / 3P
   Magnetic Magnetic
logo
Cirrus Logic
CS44800 CIRRUS-CS44800_06 Datasheet
1Mb / 80P
   8-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600_06 Datasheet
1Mb / 76P
   6-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600 Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
logo
NXP Semiconductors
TDA8929T PHILIPS-TDA8929T Datasheet
479Kb / 36P
   Controller class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com