Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2904Q Datasheet(PDF) 3 Page - Texas Instruments

Part # UC2904Q
Description  Precision Quad Supply and Line Monitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2904Q Datasheet(HTML) 3 Page - Texas Instruments

  UC2904Q Datasheet HTML 1Page - Texas Instruments UC2904Q Datasheet HTML 2Page - Texas Instruments UC2904Q Datasheet HTML 3Page - Texas Instruments UC2904Q Datasheet HTML 4Page - Texas Instruments UC2904Q Datasheet HTML 5Page - Texas Instruments UC2904Q Datasheet HTML 6Page - Texas Instruments UC2904Q Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UC1904
UC2904
UC3904
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OV UV Window, LS Input, OC Input, ARST Input, and ON/OFF Input Thresholds (cont.)
Under-Voltage Thresholds
WADJ = 0.25V, Offset from VREF, Input H to L
-140
-125
-110
mV
S1, S2
WADJ = 0.5V, Offset from VREF, Input H to L
-270
-250
-230
mV
WADJ = 1V, Offset from VREF, Input H to L
-540
-500
-460
mV
Under-Voltage Thresholds
WADJ = 0.25V, Offset from VREF, Input H to L
-150
-125
-110
mV
S3, S4 Positive Mode
WADJ = 0.5V, Offset from VREF, Input H to L
-285
-250
-230
mV
WADJ = 1V, Offset from VREF, Input H to L
-555
-500
-460
mV
OV and UV Threshold Hysteresis As a Function of WADJ
30
50
70
mV/V
S3 Negative Mode Thresholds
Over-Voltage, WADJ = 0.5V, Input H to L
-13.52
-13.2
-12.88
V
Under-Voltage, WADJ = 0.5V, Input L to H
-11.06
-10.8
-10.54
V
Hysteresis, WADJ = 0.5V
80
120
160
mV
S4 Negative Mode Thresholds
Over-Voltage, WADJ = 0.5V, Input H to L
-5.63
-5.5
-5.37
V
Under-Voltage, WADJ = 0.5V, Input L to H
-4.61
-4.5
-4.39
V
Hysteresis, WADJ = 0.5V
30
50
70
mV
WADJ Input Bias Current
0.25V < WADJ <1.0V
-5
5
µA/V
LS Threshold
Input = H to L
1.96
2
2.04
V
Threshold hysteresis
65
100
125
mV
OC Threshold
Input = H to L
1.9
2
2.1
V
Threshold hysteresis
50
100
150
mV
ARST Input Threshold
Input = L to H
2.25
2.5
2.75
V
Input = H to L
0.56
0.625
0.69
V
ON/OFF Input Threshold
Input high level
1.74
2.4
V
Input low level
0.6
1.35
V
Sense and Logic Input Bias Currents
Sense 1-4, Positive Mode
Input = 2.8V
250
800
nA
Input = 2.2V
-1000
-250
nA
Sense 3 Negative Mode
Input = -12V
-700
-500
-300
µA
Sense 4 Negative Mode
Input = -5V
-700
-500
-300
µA
Line, and OC Inputs
Input = 2.2V
300
1000
nA
ON/OFF Input
Input = 2.5V
150
600
nA
ARST Input
Input = 0.5
-2000
-700
nA
Open Collector Outputs (OV/OC Out, PG Out, PWRW Out, ON/OFF Out)
Saturation Voltage
IOUT = 10mA
0.2
0.4
V
Leakage current
VOUT = 20V
5
µA
POR Delay
Delay
160
250
350
ms/
µF
Internal Pullup Current
9
µA
Threshold Low to High
2.25
V
OFF Delay
Delay
120
185
250
ms/
µF
Internal Pullup current
12
µA
Threshold Low to High
2.25
V
OV Fault Delay
Delay
10
20
50
µs
Unless otherwise stated, these specifications hold for TA = 0 to 70
°C for the UC3904, -40 to
+85
°C for the UC2904, and -55 to +125°C for the UC1904, +VIN = 15V, WADJ = 0.5V, Sense
Inputs 1-4, OC and LS Inputs = 2.5V. The ON/OFF Input and the ARST Input = 0V.
ELECTRICAL
CHARACTERISTICS (cont):
3


Similar Part No. - UC2904Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2904 TI-UC2904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
More results

Similar Description - UC2904Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1903J TI1-UC1903J Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com