Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3176QP Datasheet(PDF) 5 Page - Texas Instruments

Part # UC3176QP
Description  Full Bridge Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3176QP Datasheet(HTML) 5 Page - Texas Instruments

  UC3176QP Datasheet HTML 1Page - Texas Instruments UC3176QP Datasheet HTML 2Page - Texas Instruments UC3176QP Datasheet HTML 3Page - Texas Instruments UC3176QP Datasheet HTML 4Page - Texas Instruments UC3176QP Datasheet HTML 5Page - Texas Instruments UC3176QP Datasheet HTML 6Page - Texas Instruments UC3176QP Datasheet HTML 7Page - Texas Instruments UC3176QP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Jan-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
UC3176QP
ACTIVE
PLCC
FN
28
37
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
0 to 70
UC3176QP
UC3176QPTR
ACTIVE
PLCC
FN
28
750
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
0 to 70
UC3176QP
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - UC3176QP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
More results

Similar Description - UC3176QP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
   Full Bridge or Single Ended Audio Amplifier
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com