Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2854ADWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC2854ADWG4
Description  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2854ADWG4 Datasheet(HTML) 4 Page - Texas Instruments

  UC2854ADWG4 Datasheet HTML 1Page - Texas Instruments UC2854ADWG4 Datasheet HTML 2Page - Texas Instruments UC2854ADWG4 Datasheet HTML 3Page - Texas Instruments UC2854ADWG4 Datasheet HTML 4Page - Texas Instruments UC2854ADWG4 Datasheet HTML 5Page - Texas Instruments UC2854ADWG4 Datasheet HTML 6Page - Texas Instruments UC2854ADWG4 Datasheet HTML 7Page - Texas Instruments UC2854ADWG4 Datasheet HTML 8Page - Texas Instruments UC2854ADWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
UC1854A
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329E – MONTH 2003 – REVISED JANUARY 2008
VCC = 18 V, RT = 8.2 kΩ, CT = 1.5 nF, VPKLMT = 1 V, VVRMS = 1.5 V, IIAC = 100 µA, IISENSE = 0 V, VCAO = 3.5 V, VVAO = 5 V,
VVSENSE = 3 V, –40°C < TA < 85°C for the UC2854A and UC2854B, and 0°C < TA < 70°C for the UC3854A and UC3854B,
and TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERALL
CAO = 0 V,
VAO = 0 V,
Supply current, off
250
400
µA
VCC = VUVLO–0.3 V
Supply current, on
12
18
mA
UCx854A
15.0
16.0
17.5
VCC turn-on threshold voltage
UCx854B
8.0
10.5
11.2
UCx854A
9
10
12
VCC turn-off threshold voltage
UCx854B
7.8
10.3
11.0
V
UCx854A
5
6
7
VCC hysteresis
UCx854B
0.10
0.22
0.50
VCC clamp
IVCC = IVCC(on) + 5 mA
18
20
22
VOLTAGE AMPLIFIER
Input voltage
2.9
3.0
3.1
V
VSENSE bias current
–500
—25
500
nA
Open loop gain
2 V
≤ VOUT ≤ 5 V
70
100
dB
VOH
High-level output voltage
ILOAD = –500 µA
6
V
VOL
Low-level output voltage
ILOAD = 500 µA
0.3
0.5
ISC
Output short-circuit current
VOUT = 0 V
1.5
3.5
mA
Gain bandwidth product(1)
fIN = 100 kHz,
10 mVp-p
1
MHz
CURRENT AMPLIFIER
VCM = 0 V,
TA = 25°C
–4
0
Input offset voltage
mV
VCM = 0 V,
Overtemperature
–5.5
0
ISENSE
Input bias current
VCM = 0 V
–500
500
nA
Open loop gain
2 V
≤ VOUT = 6 V
80
110
dB
VOH
High-level output voltage
ILOAD = –500 µA
8
V
VOL
Low-level output voltage
ILOAD = 500 µA
0.3
0.5
ISC
Output short-circuit current
VOUT = 0 V
1.5
3.5
mA
CMRR
Common mode rejection range
–0.3
5.0
V
Gain bandwidth product(1)
fIN = 100 kHz,
10 mVp-p
3
5
MHz
REFERENCE
IREF = 0 mA,
TA = 25°C
7.4
7.5
7.6
Output voltage
V
IREF = 0 mA
7.35
7.50
7.65
Load regulation
1 mA
≤ IREF ≤ 10 mA
0
8
20
mV
Line regulation
12 V
≤ VCC ≤ 18 V
0
14
25
ISC
Short circuit current
VREF = 0 V
25
35
60
mA
(1)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1854A UC2854A, UC2854B UC3854A, UC3854B


Similar Part No. - UC2854ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2854ADWG4 TI1-UC2854ADWG4 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

Similar Description - UC2854ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com