Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5590EDR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV5590EDR
Description  2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5590EDR Datasheet(HTML) 4 Page - Texas Instruments

  TLV5590EDR Datasheet HTML 1Page - Texas Instruments TLV5590EDR Datasheet HTML 2Page - Texas Instruments TLV5590EDR Datasheet HTML 3Page - Texas Instruments TLV5590EDR Datasheet HTML 4Page - Texas Instruments TLV5590EDR Datasheet HTML 5Page - Texas Instruments TLV5590EDR Datasheet HTML 6Page - Texas Instruments TLV5590EDR Datasheet HTML 7Page - Texas Instruments TLV5590EDR Datasheet HTML 8Page - Texas Instruments TLV5590EDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TLV5590
2BIT ANALOGTODIGITAL CONVERTER
FOR FLEXt PAGER CHIPSET
SLAS134B − NOVEMBER 1995 − REVISED NOVEMBER 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, AVDD, DVDD
−0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, EXTS0, EXTS1
−0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Offset input voltage, VIO
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak input current (any input)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, AVDD, DVDD
2.7
3.3
V
Power supply ripple
0.002
Vpp
Input clock frequency, f(CLK)
38.4
kHz
Input clock duty cycle
45
50
55
%
Voltage offset applied at DC OFFSET, VI(DC OFFSET) (see Notes 1 and 2)
0.25
VDD−0.25
V
Analog input voltage, VI(pp) (See Notes 1 and 2)
VDD = 3.1 V
0.25
VDD − 0.25
Vpp
High-level control input voltage, VIH
VDD = 2.7 V to 3.3 V
0.2 DVDD
V
Low-level control input voltage, VIL
VDD = 2.7 V to 3.3 V
0.8 DVDD
V
Operating free-air temperature, TA
−25
85
°C
NOTES:
1. VI(OFFSET) =VQ − VI(DC OFFSET) where VQ is the dc quiescent voltage of the signal applied to the SIG terminal.
NOTES:
2.
V
I(PEAK) +
V
DD
2
* 0.25 V
4.217
* V
I(OFFSET)
*80 mV
The pass-band filter gain represents the maximum specified voltage gain in volts/volt of the filter. The maximum gain for the filter
is 4.217 V/V (12.5 dB). The input voltage range from this equation defines the maximum allowable input signal at the SIG terminal
with a given voltage, VI(DC OFFSET), applied at the DC OFFSET terminal and a quiescent dc input voltage, VQ, of the signal applied
at the SIG terminal. When the input voltage is within this range, the peak and valley DACs do not over range. The 80 mV value is
the tolerance on the voltage output at the MID terminal.


Similar Part No. - TLV5590EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5590ED TI-TLV5590ED Datasheet
213Kb / 16P
[Old version datasheet]   2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
More results

Similar Description - TLV5590EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5590 TI-TLV5590 Datasheet
213Kb / 16P
[Old version datasheet]   2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
TLV5592 TI-TLV5592 Datasheet
208Kb / 15P
[Old version datasheet]   2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX PAGER CHIPSET
logo
NXP Semiconductors
TDA8761A PHILIPS-TDA8761A Datasheet
166Kb / 24P
   9-bit analog-to-digital converter for digital video
1998 Nov 03
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
logo
Texas Instruments
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
[Old version datasheet]   Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com