Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC29431DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # UC29431DG4
Description  Precision Adjustable Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC29431DG4 Datasheet(HTML) 6 Page - Texas Instruments

  UC29431DG4 Datasheet HTML 1Page - Texas Instruments UC29431DG4 Datasheet HTML 2Page - Texas Instruments UC29431DG4 Datasheet HTML 3Page - Texas Instruments UC29431DG4 Datasheet HTML 4Page - Texas Instruments UC29431DG4 Datasheet HTML 5Page - Texas Instruments UC29431DG4 Datasheet HTML 6Page - Texas Instruments UC29431DG4 Datasheet HTML 7Page - Texas Instruments UC29431DG4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
UC19431
UC29431
UC39431
UC39431B
Figure 4. Internal 1.3V vs. temperature.
Figure 5. Error amp voltage gain and phase vs.
frequency.
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 • FAX (603) 424-3460
UDG-95092
UDG-95091
Table 1. Resistor divider connection table for shunt applications
REGULATED VOLTAGE
CONNECT R1 TO:
CONNECT R2 TO:
CONNECT R3 TO:
2.82V
SENSE (pin 7)
COLL (pin 1)
SENSE (pin 7)
3.12V
open
COLL (pin 1)
SENSE (pin 7)
5.1V
COLL (pin 1)
SENSE (pin 7)
open
7.8V
COLL (pin 1)
SENSE (pin 7)
GND (pin 8)
10.42V
COLL (pin 1)
SENSE (pin 7)
SENSE (pin 7)
12.24V
COLL (pin 1)
open
SENSE (pin 7)
Note: To obtain the shunt regulated or optocoupler sensed voltage specified in the left column, connect the internal resistors (R1,
R2, R3) as indicated. Refer to the shunt regulator application in Fig.1.


Similar Part No. - UC29431DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC29431 TI-UC29431 Datasheet
137Kb / 7P
[Old version datasheet]   Precision Adjustable Shunt Regulator
More results

Similar Description - UC29431DG4

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com