Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5628C Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV5628C
Description  OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5628C Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5628C_08 Datasheet HTML 4Page - Texas Instruments TLV5628C_08 Datasheet HTML 5Page - Texas Instruments TLV5628C_08 Datasheet HTML 6Page - Texas Instruments TLV5628C_08 Datasheet HTML 7Page - Texas Instruments TLV5628C_08 Datasheet HTML 8Page - Texas Instruments TLV5628C_08 Datasheet HTML 9Page - Texas Instruments TLV5628C_08 Datasheet HTML 10Page - Texas Instruments TLV5628C_08 Datasheet HTML 11Page - Texas Instruments TLV5628C_08 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TLV5628C, TLV5628I
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS108A – JANUARY 1995 – REVISED NOVEMBER 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VDD = 3 V to 3.6 V, Vref = 2 V, × 1 gain output range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level digital input current
VI = VDD
±10
µA
IIL
Low-level digital input current
VI = 0 V
±10
µA
IO(sink)
Output sink current
Each DAC output
20
µA
IO(source)
Output source current
Each DAC output
1
mA
Ci
Input capacitance
15
pF
Ci
Reference input capacitance
15
pF
IDD
Supply current
VDD = 3.3 V
4
mA
Iref
Reference input current
VDD = 3.3 V, Vref = 1.5 V
±10
µA
EL
Linearity error (end point corrected)
Vref = 1.25 V, × 2 gain (see Note 1)
±1
LSB
ED
Differential linearity error
Vref = 1.25 V, × 2 gain (see Note 2)
±0.9
LSB
EZS
Zero-scale error
Vref = 1.25 V, × 2 gain (see Note 3)
0
30
mV
Zero-scale error temperature coefficient
Vref = 1.25 V, × 2 gain (see Note 4)
10
µV/°C
EFS
Full-scale error
Vref = 1.25 V, × 2 gain (see Note 5)
±60
mV
Full-scale error temperature coefficient
Vref = 1.25 V, × 2 gain (see Note 6)
±25
µV/°C
PSRR
Power supply sensitivity
See Notes 7 and 8
0.5
mV/V
NOTES:
1. Integral nonlinearity (INL) is the maximum deviation of the output from the line between zero-scale and full scale (excluding the
effects of zero code and full-scale errors).
2. Differential nonlinearity (DNL) is the difference between the measured and ideal 1 LSB amplitude change of any two adjacent codes.
Monotonic means the output voltage changes in the same direction (or remains constant) as a change in the digital input code.
3. Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
4. Zero-scale error temperature coefficient is given by: ZSETC = [ZSE(Tmax) – ZSE(Tmin)]/Vref × 106/(Tmax – Tmin).
5. Full-scale error is the deviation from the ideal full-scale output (Vref – 1 LSB) with an output load of 10 kΩ.
6. Full-scale temperature coefficient is given by: FSETC = [FSE(Tmax) – FSE (Tmin)]/Vref × 106/(Tmax – Tmin).
7. Zero-scale error rejection ratio (ZSE-RR) is measured by varying the VDD voltage from 4.5 V to 5.5 V dc and measuring the effect
of this signal on the zero-code output voltage.
8. Full-scale error rejection ratio (FSE-RR) is measured by varing the VDD voltage from 3 V to 3.6 V dc and measuring the effect of
this signal on the full-scale output voltage.
operating characteristics over recommended operating free-air temperature range,
VDD = 3 V to 3.6 V, Vref = 2 V, × 1 gain output range (unless otherwise noted)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output slew rate
CL = 100 pF,
RL = 10 kΩ
1
V/
µs
Output settling time
To 0.5 LSB,
CL = 100 pF,
RL = 10 kΩ, See Note 9
10
µs
Large-signal bandwidth
Measured at – 3 dB point
100
kHz
Digital crosstalk
CLK = 1-MHz square wave measured at DACA-DACH
–50
dB
Reference feedthrough
See Note 10
–60
dB
Channel-to-channel isolation
See Note 11
–60
dB
Reference input bandwidth
See Note 12
100
kHz
NOTES:
9. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 00 hex to FF hex or FF hex to 00 hex. For TLC5628C VDD = 5 V, Vref = 2 V and range = × 2. For TLC5628I VDD = 3 V,
Vref = 1.25 V and range × 2.
10. Reference feedthrough is measured at any DAC output with an input code = 00 hex with a Vref input = 1 V dc + 1 VPP at 10 kHz.
11. Channel-to-channel isolation is measured by setting the input code of one DAC to FF hex and the code of all other DACs to 00 hex
with Vref input = 1 V dc + 1 VPP at 10 kHz.
12. Reference bandwidth is a –3 dB bandwidth with an input at Vref = 1.25 V dc + 2 VPP and with a full-scale digital input code.


Similar Part No. - TLV5628C_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5628CDW TI-TLV5628CDW Datasheet
214Kb / 14P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5628CN TI-TLV5628CN Datasheet
214Kb / 14P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLV5628C_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5628C TI-TLV5628C Datasheet
214Kb / 14P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628C TI-TLC5628C_15 Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628C TI-TLC5628C Datasheet
212Kb / 13P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com