Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5623CD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5623CD
Description  2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5623CD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV5623CD Datasheet HTML 7Page - Texas Instruments TLV5623CD Datasheet HTML 8Page - Texas Instruments TLV5623CD Datasheet HTML 9Page - Texas Instruments TLV5623CD Datasheet HTML 10Page - Texas Instruments TLV5623CD Datasheet HTML 11Page - Texas Instruments TLV5623CD Datasheet HTML 12Page - Texas Instruments TLV5623CD Datasheet HTML 13Page - Texas Instruments TLV5623CD Datasheet HTML 14Page - Texas Instruments TLV5623CD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TLV5623C, TLV5623I
2.7V TO 5.5V LOW POWER 8BIT DIGITALTOANALOG
CONVERTERS WITH POWER DOWN
SLAS231B − JUNE 1999 − REVISED APRIL 2004
11
WWW.TI.COM
APPLICATION INFORMATION
general function
The TLV5623 is an 8-bit single supply DAC based on a resistor string architecture. The device consists of a serial
interface, speed and power-down control logic, a reference input buffer, a resistor string, and a rail-to-rail output
buffer.
The output voltage (full scale determined by external reference) is given by:
2REF
CODE
2n
[V]
where REF is the reference voltage and CODE is the digital input value within the range of 010 to 2n−1, where
n = 8 (bits). The 16-bit data word, consisting of control bits and the new DAC value, is illustrated in the data format
section. A power-on reset initially resets the internal latches to a defined state (all bits zero).
serial interface
The device has to be enabled with CS set to low. A falling edge of FS starts shifting the data bit-per-bit (starting
with the MSB) to the internal register on the falling edges of SCLK. After 16 bits have been transferred or FS
rises, the content of the shift register is moved to the DAC latch, which updates the voltage output to the new
level.
The serial interface of the TLV5623 can be used in two basic modes:
D Four wire (with chip select)
D Three wire (without chip select)
Using chip select (four-wire mode), it is possible to have more than one device connected to the serial port of
the data source (DSP or microcontroller). The interface is compatible with the TMS320 family. Figure 15 shows
an example with two TLV5623s connected directly to a TMS320 DSP.
TMS320
DSP
XF0
XF1
FSX
DX
CLKX
TLV5623
CS FS DIN SCLK
TLV5623
CS FS DIN SCLK
Figure 15. TMS320 Interface


Similar Part No. - TLV5623CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5623CD TI-TLV5623CD Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDGK TI-TLV5623CDGK Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results

Similar Description - TLV5623CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5617A TI-TLV5617A_15 Datasheet
822Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com