Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2HGBRQABCRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2HGBRQABCRQ1
Description  ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
Download  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2HGBRQABCRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TDA2HGBRQABCRQ1 Datasheet HTML 1Page - Texas Instruments TDA2HGBRQABCRQ1 Datasheet HTML 2Page - Texas Instruments TDA2HGBRQABCRQ1 Datasheet HTML 3Page - Texas Instruments TDA2HGBRQABCRQ1 Datasheet HTML 4Page - Texas Instruments TDA2HGBRQABCRQ1 Datasheet HTML 5Page - Texas Instruments TDA2HGBRQABCRQ1 Datasheet HTML 6Page - Texas Instruments TDA2HGBRQABCRQ1 Datasheet HTML 7Page - Texas Instruments TDA2HGBRQABCRQ1 Datasheet HTML 8Page - Texas Instruments TDA2HGBRQABCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 426 page
background image
4
TDA2SX, TDA2SG
TDA2HG, TDA2HV, TDA2LF
SPRS951A – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2HG TDA2HV TDA2LF
Table of Contents
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Related Links
......................................... 2
1.5
Functional Block Diagram
........................... 2
2
Revision History
......................................... 5
3
Device Comparison
..................................... 6
3.1
Device Comparison Table
............................ 6
3.2
Related Products
..................................... 8
4
Terminal Configuration and Functions
.............. 9
4.1
Terminal Assignment
................................. 9
4.2
Ball Characteristics
.................................. 10
4.3
Multiplexing Characteristics
......................... 77
4.4
Signal Descriptions
.................................. 95
5
Specifications
......................................... 136
5.1
Absolute Maximum Ratings
........................ 136
5.2
ESD Ratings
....................................... 137
5.3
Power on Hour (POH) Limits
...................... 137
5.4
Recommended Operating Conditions
............. 138
5.5
Operating Performance Points
..................... 141
5.6
Power Consumption Summary
.................... 158
5.7
Electrical Characteristics
........................... 158
5.8
Thermal Resistance Characteristics
............... 166
5.9
Power Supply Sequences
......................... 167
6
Clock Specifications
................................. 178
6.1
Input Clock Specifications
......................... 179
6.2
DPLLs, DLLs Specifications
....................... 187
7
Timing Requirements and Switching
Characteristics
........................................ 191
7.1
Timing Test Conditions
............................ 191
7.2
Interface Clock Specifications
..................... 191
7.3
Timing Parameters and Information
............... 191
7.4
Recommended Clock and Control Signal Transition
Behavior
............................................ 193
7.5
Virtual and Manual I/O Timing Modes
............. 193
7.6
Video Input Ports (VIP)
............................ 196
7.7
Display Subsystem – Video Output Ports
......... 214
7.8
Display Subsystem – High-Definition Multimedia
Interface (HDMI)
................................... 225
7.9
External Memory Interface (EMIF)
................. 225
7.10
General-Purpose Memory Controller (GPMC)
..... 225
7.11
Timers
.............................................. 247
7.12
Inter-Integrated Circuit Interface (I2C)
............. 248
7.13
Universal Asynchronous Receiver Transmitter
(UART)
............................................. 251
7.14
Multichannel Serial Peripheral Interface (MCSPI)
. 252
7.15
Quad Serial Peripheral Interface (QSPI)
.......... 258
7.16
Multichannel Audio Serial Port (McASP)
.......... 264
7.17
Universal Serial Bus (USB)
........................ 284
7.18
Serial Advanced Technology Attachment (SATA)
. 286
7.19
Peripheral Component Interconnect Express
(PCIe)
.............................................. 286
7.20
Controller Area Network Interface (DCAN)
........ 287
7.21
Ethernet Interface (GMAC_SW)
................... 288
7.22
eMMC/SD/SDIO
................................... 298
7.23
General-Purpose Interface (GPIO)
................ 325
7.24
System and Miscellaneous interfaces
............. 325
7.25
Test Interfaces
..................................... 325
8
Applications, Implementation, and Layout
...... 330
8.1
Introduction
........................................ 330
8.2
Power Optimizations
............................... 331
8.3
Core Power Domains
.............................. 345
8.4
Single-Ended Interfaces
........................... 356
8.5
Differential Interfaces
.............................. 358
8.6
Clock Routing Guidelines
.......................... 379
8.7
DDR2/DDR3 Board Design and Layout
Guidelines
.......................................... 381
9
Device and Documentation Support
.............. 416
9.1
Device Nomenclature & Orderable Information
.... 416
9.2
Tools and Software
................................ 418
9.3
Documentation Support
............................ 419
9.4
Receiving Notification of Documentation Updates
. 419
9.5
Related Links
...................................... 419
9.6
Community Resources
............................. 420
9.7
Trademarks
........................................ 420
9.8
Electrostatic Discharge Caution
................... 420
9.9
Export Control Notice
.............................. 420
9.10
Glossary
............................................ 421
10
Mechanical Packaging and Orderable
Information
............................................. 422
10.1
Mechanical Data
................................... 422


Similar Part No. - TDA2HGBRQABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2HGBRQABCRQ1 TI1-TDA2HGBRQABCRQ1 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
More results

Similar Description - TDA2HGBRQABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2PSX-ACD TI1-TDA2PSX-ACD Datasheet
5Mb / 454P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 457P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ABZ TI1-TDA2P-ABZ Datasheet
5Mb / 465P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2HA-17 TI1-TDA2HA-17 Datasheet
5Mb / 380P
[Old version datasheet]   TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2P-ABZ TI1-TDA2P-ABZ_19 Datasheet
5Mb / 464P
[Old version datasheet]   Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com