Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5638-EP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5638-EP
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5638-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5638-EP Datasheet HTML 3Page - Texas Instruments TLV5638-EP Datasheet HTML 4Page - Texas Instruments TLV5638-EP Datasheet HTML 5Page - Texas Instruments TLV5638-EP Datasheet HTML 6Page - Texas Instruments TLV5638-EP Datasheet HTML 7Page - Texas Instruments TLV5638-EP Datasheet HTML 8Page - Texas Instruments TLV5638-EP Datasheet HTML 9Page - Texas Instruments TLV5638-EP Datasheet HTML 10Page - Texas Instruments TLV5638-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2.5
2
1.5
0.5
–40 –30 –20 –10 0 10 20
3.5
4
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
4.5
30
50 60
90
3
1
40
70 80
Fast Mode
Slow Mode
VDD = 5 V
Vref = Int. 2 V
Input Code = Full Scale (Both DACs)
TA – Free-Air Temperature – °C
1.4
1
0.4
0
0
10
20
30
40
2.2
2.4
POWER DOWN SUPPLY CURRENT
vs
TIME
2.6
50
60
70
80
2
1.8
1.6
1.2
0.8
0.6
0.2
t – Time –
µs
2.5
2
1.5
0.5
–40 –30 –20 –10 0 10 20
3.5
4
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
4.5
30
50 60
90
3
1
40
70 80
Fast Mode
Slow Mode
VDD = 3 V
Vref = Int. 1 V
Input Code = Full Scale (Both DACs)
TA – Free-Air Temperature – °C
2.058
2.054
2.052
2.05
0
0.5
1
1.5
2
2.5
3
2.06
2.062
Source Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
2.064
3.5
4
2.056
Fast Mode
Slow Mode
VDD = 3 V
Vref = Int. 1 V
Input Code = 4095
TLV5638
SLAS225C – JUNE 1999 – REVISED JANUARY 2004
Figure 2.
Figure 3.
Figure 4.
Figure 5.
7


Similar Part No. - TLV5638-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5638-EP TI-TLV5638-EP Datasheet
626Kb / 20P
[Old version datasheet]   Controlled Baseline One Assembly/Test Site, One Fabrication Site
TLV5638-EP TI1-TLV5638-EP Datasheet
861Kb / 21P
[Old version datasheet]   2.7-V TO 5.5V LOW-POWER DUAL 12 BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638-EP TI-TLV5638-EP_15 Datasheet
630Kb / 21P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFENCE AND POWER DOWN
TLV5638-EP TI1-TLV5638-EP_16 Datasheet
861Kb / 21P
[Old version datasheet]   2.7-V TO 5.5V LOW-POWER DUAL 12 BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5638-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_12 Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638_15 Datasheet
636Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636 Datasheet
260Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636_15 Datasheet
654Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637 Datasheet
240Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com