Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD54 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SD54
Description  SMT Power Inductors ??SD54 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SD54 Datasheet(HTML) 2 Page - Coilcraft lnc.

  SD54_15 Datasheet HTML 1Page - Coilcraft lnc. SD54_15 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document 427-2
0.224 ±0.012
5,69 ±0,30
0.197
5,0
max
0.210 ±0.012
5.33 ±0,30
0.090
2,29
0.055
1,40
0.100
2,54
0.125
3,18
0.105
2,67
0.155
3,94
Recommended
Land Pattern
XXX
Dimensions are in
inches
mm
SMT Power Inductors – SD54 Series
Typical L vs Current
1
10
100
1000
0.01
0.1
10
1
Current (A)
10 µH
22 µH
100 µH
220 µH
1
10
100
1000
0.01
0.1
10
1
Frequency (MHz)
10 µH
22 µH
100 µH
220 µH
Irms Derating
Document 427-2 Revised 12/30/14
Typical L vs Frequency


Similar Part No. - SD54_15

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD5401 CALOGIC-SD5401 Datasheet
37Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
logo
Linear Integrated Syste...
SD5401 LINEAR-SD5401 Datasheet
505Kb / 3P
   QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD5401 LINEAR-SD5401 Datasheet
226Kb / 4P
   QUAD N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
logo
Calogic, LLC
SD5401 CALOGIC-SD5401 Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
SD5401CY CALOGIC-SD5401CY Datasheet
37Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
More results

Similar Description - SD54_15

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
SD43 COILCRAFT-SD43_15 Datasheet
392Kb / 2P
   SMT Power Inductors ??SD43 Series
DAC7571IDBVTG4 COILCRAFT-DAC7571IDBVTG4 Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO5010H COILCRAFT-DO5010H_15 Datasheet
517Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
240Kb / 2P
   SMT Power Inductors ??DO1813H Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com