Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70025QDDCRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70025QDDCRQ1
Description  200-mA Low-IQ Low-Dropout Regulator for Portable Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70025QDDCRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV70025QDDCRQ1 Datasheet HTML 3Page - Texas Instruments TLV70025QDDCRQ1 Datasheet HTML 4Page - Texas Instruments TLV70025QDDCRQ1 Datasheet HTML 5Page - Texas Instruments TLV70025QDDCRQ1 Datasheet HTML 6Page - Texas Instruments TLV70025QDDCRQ1 Datasheet HTML 7Page - Texas Instruments TLV70025QDDCRQ1 Datasheet HTML 8Page - Texas Instruments TLV70025QDDCRQ1 Datasheet HTML 9Page - Texas Instruments TLV70025QDDCRQ1 Datasheet HTML 10Page - Texas Instruments TLV70025QDDCRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
10
s/div
m
V
OUT
V
IN =2.3V
I
OUT
50mA
0mA
t =t =1
s
R
F
m
1ms/div
V
OUT
SlewRate=1V/ s
m
V
IN
2.9V
2.3V
I
200mA
OUT =
10
s/div
m
V
OUT
V
IN =2.1V
I
OUT
200mA
0mA
t =t =1
s
R
F
m
10
s/div
m
V
OUT
V
IN =2.3V
I
OUT
10mA
0mA
t =t =1
s
R
F
m
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
InputVoltage(V)
80
70
60
50
40
30
20
10
0
10kHz
100kHz
1kHz
10
1
0.1
0.01
0
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
I
=10mA
C
=C
=1 F
OUT
m
IN
OUT
TLV70012A-Q1, TLV70025-Q1, TLV70028-Q1
TLV70030-Q1, TLV70032-Q1, TLV70033-Q1
www.ti.com
SLVSA61G – FEBRUARY 2010 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
TJ = –40°C to 125°C, VIN = VOUT(TYP) + 0.5 V or 2 V (whichever is greater); IOUT = 10 mA, VEN = VIN, COUT = 1 μF (unless
otherwise noted). Typical values are at TJ = 25°C.
Figure 14. TLV70018 Output Spectral Noise Density vs
Figure 13. TLV70018 Power-Supply Ripple Rejection vs
Output Voltage
Input Voltage
Figure 15. TLV70018 Load Transient Response
Figure 16. TLV70018 Load Transient Response
Figure 18. TLV70018 Line Transient Response
Figure 17. TLV70018 Load Transient Response
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV70012A-Q1 TLV70025-Q1 TLV70028-Q1 TLV70030-Q1 TLV70032-Q1 TLV70033-Q1


Similar Part No. - TLV70025QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70025QDDCRQ1 TI1-TLV70025QDDCRQ1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70025QDDCRQ1 TI1-TLV70025QDDCRQ1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results

Similar Description - TLV70025QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com