Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2842DTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC2842DTR
Description  Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2842DTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC2842DTR Datasheet HTML 2Page - Texas Instruments UC2842DTR Datasheet HTML 3Page - Texas Instruments UC2842DTR Datasheet HTML 4Page - Texas Instruments UC2842DTR Datasheet HTML 5Page - Texas Instruments UC2842DTR Datasheet HTML 6Page - Texas Instruments UC2842DTR Datasheet HTML 7Page - Texas Instruments UC2842DTR Datasheet HTML 8Page - Texas Instruments UC2842DTR Datasheet HTML 9Page - Texas Instruments UC2842DTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
6
UC1842, UC2842, UC3842, UC1843, UC2843, UC3843
UC1844, UC2844, UC3844, UC1845, UC2845, UC3845
SLUS223D – APRIL 1997 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: UC1842 UC2842 UC3842 UC1843 UC2843 UC3843 UC1844 UC2844 UC3844 UC1845
UC2845 UC3845
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VVCC
Low impedance source
30
V
IVCC < 30 mA
Self Limiting
VVFB and VISENSE
Analog input voltage
–0.3
6.3
V
VVC
Input Voltage, Q and D Package only
30
V
IOUTPUT
Output drive current
±1
A
ICOMP
Error amplifier output sink current
10
mA
EOUTPUT
Output energy (capacitive load)
5
µJ
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±3000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±3000
(1)
These recommended voltages for VC and POWER GROUND apply only to the D package.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VVCC and VVC
(1)
Supply voltage
12
28
V
VVFB
Input voltage
2.5
V
VISENSE
Input voltage
1
V
IVCC
Supply current, externally limited
25
mA
IOUTPUT
Average output current
200
mA
IVREF
Reference output current
–20
mA
fOSC
Oscillator frequency
100
500
kHz
TA
Operating free-air temperature
UC184x
–55
125
°C
UC284x
–40
85
UC384x
0
70
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
UCx84x
UNIT
D (SOIC)
D (SOIC)
P (PDIP)
FK (LCCC)
8 PINS
14 PINS
8 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
104.8
78.2
53.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47.3
37.1
46.7
36.2
°C/W
RθJB
Junction-to-board thermal resistance
45.9
32.6
31
35.4
°C/W
ψJT
Junction-to-top characterization parameter
8.2
7.3
17.1
°C/W
ψJB
Junction-to-bottom characterization parameter
45.2
32.4
30.9
°C/W


Similar Part No. - UC2842DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2842DTR TI-UC2842DTR Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2842DTR TI-UC2842DTR Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842DTR TI1-UC2842DTR Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842DTR TI1-UC2842DTR Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842DTR TI-UC2842DTR Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC2842DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com