Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70033QDDCRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70033QDDCRQ1
Description  200-mA Low-IQ Low-Dropout Regulator for Portable Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70033QDDCRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TLV70033QDDCRQ1 Datasheet HTML 1Page - Texas Instruments TLV70033QDDCRQ1 Datasheet HTML 2Page - Texas Instruments TLV70033QDDCRQ1 Datasheet HTML 3Page - Texas Instruments TLV70033QDDCRQ1 Datasheet HTML 4Page - Texas Instruments TLV70033QDDCRQ1 Datasheet HTML 5Page - Texas Instruments TLV70033QDDCRQ1 Datasheet HTML 6Page - Texas Instruments TLV70033QDDCRQ1 Datasheet HTML 7Page - Texas Instruments TLV70033QDDCRQ1 Datasheet HTML 8Page - Texas Instruments TLV70033QDDCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature( C)
°
I
=200mA
I
=10mA
I
=150mA
OUT
OUT
OUT
0
30
60
90
120
150
180
210
Output Current (mA)
180
160
140
120
100
80
60
40
20
0
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
0
40
60
100
120
140
180 200
OutputCurrent(mA)
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
20
80
160
250
200
150
100
50
0
2.25
2.75
3.25
3.75
4.25
4.75
InputVoltage(V)
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
I
=200mA
OUT
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
InputVoltage(V)
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
I
=10mA
OUT
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
InputVoltage(V)
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
I
=200mA
OUT
TLV70012A-Q1, TLV70025-Q1, TLV70028-Q1
TLV70030-Q1, TLV70032-Q1, TLV70033-Q1
www.ti.com
SLVSA61G – FEBRUARY 2010 – REVISED SEPTEMBER 2015
6.5 Typical Characteristics
TJ = –40°C to 125°C, VIN = VOUT(TYP) + 0.5 V or 2 V (whichever is greater); IOUT = 10 mA, VEN = VIN, COUT = 1 μF (unless
otherwise noted). Typical values are at TJ = 25°C.
Figure 1. TLV70018 Line Regulation
Figure 2. TLV70018 Line Regulation
Figure 3. TLV70018 Load Regulation
Figure 4. TLV70048 Dropout Voltage vs Input Voltage
Figure 5. TLV70048 Dropout Voltage vs Output Current
Figure 6. TLV70018 Output Voltage vs Temperature
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV70012A-Q1 TLV70025-Q1 TLV70028-Q1 TLV70030-Q1 TLV70032-Q1 TLV70033-Q1


Similar Part No. - TLV70033QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70033QDDCRQ1 TI-TLV70033QDDCRQ1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70033QDDCRQ1 TI1-TLV70033QDDCRQ1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70033QDDCRQ1 TI1-TLV70033QDDCRQ1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results

Similar Description - TLV70033QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com