Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLYZ022 Datasheet(PDF) 5 Page - Texas Instruments

Part # SLYZ022
Description  TLV27L2-Q1 Automotive Micropower Rail-to-Rail Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLYZ022 Datasheet(HTML) 5 Page - Texas Instruments

  SLYZ022 Datasheet HTML 1Page - Texas Instruments SLYZ022 Datasheet HTML 2Page - Texas Instruments SLYZ022 Datasheet HTML 3Page - Texas Instruments SLYZ022 Datasheet HTML 4Page - Texas Instruments SLYZ022 Datasheet HTML 5Page - Texas Instruments SLYZ022 Datasheet HTML 6Page - Texas Instruments SLYZ022 Datasheet HTML 7Page - Texas Instruments SLYZ022 Datasheet HTML 8Page - Texas Instruments SLYZ022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TLV27L2-Q1
www.ti.com
SLOS922A – SEPTEMBER 2015 – REVISED DECEMBER 2015
7.5 Electrical Characteristics
at recommended operating conditions, VS = 2.7 V, 5 V, and 10 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
DC PERFORMANCE
25°C
0.5
5
VIC = VS / 2, VO = VS / 2,
VIO
Input offset voltage
mV
RL = 100 kΩ, RS = 50 Ω
Full range
7
VIC = VS / 2, VO = VS / 2,
αVIO
Offset voltage drift
25°C
1.1
µV/°C
RL = 100 kΩ, RS = 50 Ω
25°C
71
86
CMRR
Common-mode rejection ratio
VIC = 0 V to VS – 1.2 V, RS = 50 Ω
dB
Full range
70
25°C
80
100
VS = 2.7 V, 5 V
Full range
77
Large-signal differential voltage
VO(PP) = VS / 2,
AVD
dB
amplification
RL = 100 kΩ,
25°C
77
82
VS = ±5 V
Full range
74
INPUT CHARACTERISTICS
≤ 25°C
1
60
VIC = VS / 2, VO = VS / 2,
IIO
Input offset current
≤ 70°C
100
pA
RL = 100 kΩ, RS = 50 Ω
≤ 125°C
1000
≤ 25°C
1
60
VIC = VS / 2, VO = VS / 2,
IIB
Input bias current
≤ 70°C
200
pA
RL = 100 kΩ, RS = 50 Ω
≤ 125°C
1000
ri(d)
Differential input resistance
≤ 25°C
1000
G
Ω
CIC
Common-mode input capacitance
f = 1 kHz
≤ 25°C
8
pF
POWER SUPPLY
25°C
7
11
IQ
Quiescent current (per channel)
VO = VS/2
µA
Full range
16
25°C
74
82
Power supply rejection ratio
No load, VS = 2.7 V to 16 V,
PSRR
dB
(
ΔVS/ΔVIO)
VIC = VS / 2 V
Full range
70
OUTPUT CHARACTERISTICS
25°C
160
200
VS = 2.7 V
Full range
220
25°C
85
120
VIC = VS / 2,
VS = 5 V
IOL = 100 µA
Full range
200
25°C
50
120
VO
Output voltage swing from rail
VS = ±5 V
mV
Full range
150
25°C
420
800
VS = 5 V
Full range
900
VIC = VS / 2,
IOL = 500 µA
25°C
200
400
VS = ±5 V
Full range
500
IO
Output current
VO = 0.5 V from rail, VS = 2.7 V
25°C
400
µA
DYNAMIC PERFORMANCE
GBP
Gain bandwidth product
RL = 100 kΩ, CL = 10 pF, f = 1 kHz
25°C
160
kHz
25°C
0.06
VO(pp) = 1 V, RL = 100 kΩ,
SR
Slew rate at unity gain
–40°C
0.05
V/µs
CL = 50 pF
125°C
0.8
φM
Phase margin
RL = 100 kΩ, CL = 50 pF
25°C
62
°
V(STEP)pp = 1 V, AV = –1, rise
62
ts
Settling time (0.1%)
25°C
µs
CL = 50 pF, RL = 100 kΩ, fall
44
NOISE AND DISTORTION PERFORMANCE
Vn
Equivalent input noise voltage
f = 1 kHz
25°C
89
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25°C
0.6
nV/
√Hz
(1)
Full range is –40°C to 125°C for I suffix.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV27L2-Q1


Similar Part No. - SLYZ022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 27P
[Old version datasheet]   MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVCH16244A 16-Bit Buffer/Driver With 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVCH16652A 16-Bit Bus Transceiver and Register with 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 31P
[Old version datasheet]   SNx4AHC244 Octal Buffers/Drivers With 3-State Outputs
More results

Similar Description - SLYZ022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
   Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
logo
Texas Instruments
TLV27L1 TI1-TLV27L1_15 Datasheet
831Kb / 22P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
   Output rail-to-rail micropower operational amplifiers
TS93X STMICROELECTRONICS-TS93X Datasheet
977Kb / 17P
   Output rail-to-rail micropower operational amplifiers
November 2012 Rev 5
logo
Texas Instruments
TLV2760 TI1-TLV2760_16 Datasheet
1Mb / 46P
[Old version datasheet]   FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com