Electronic Components Datasheet Search |
|
TLV27L2CDR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TLV27L2CDR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 22 page TLV27L1 TLV27L2 SLOS378B − SEPTEMBER 2001 − REVISED MARCH 2012 3 www.ti.com electrical characteristics at recommended operating conditions, VS = 2.7 V, 5 V, and 10 V (unless otherwise noted) dc performance PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT V Input offset voltage V V /2 V V /2 25°C 0.5 5 mV VIO Input offset voltage VIC = VS/2, VO = VS/2, RL = 100 kΩ RS = 50 Ω Full range 7 mV αVIO Offset voltage drift RL = 100 kΩ, RS = 50 Ω 25°C 1.1 μV/°C CMRR Common mode rejection ratio VIC = 0 V to VS−1.2 V, 25°C 71 86 dB CMRR Common-mode rejection ratio VIC = 0 V to VS 1.2 V, RS = 50 Ω Full range 70 dB VS = 2.7 V, 25°C 80 100 A Large-signal differential voltage VO(PP)=VS/2, VS = 2.7 V, 5 V Full range 77 dB AVD Large signal differential voltage amplification VO(PP)=VS/2, RL = 100 kΩ V ±5 V 25°C 77 82 dB VS = ±5 V Full range 74 † Full range is −40°C to 125°C for I suffix. input characteristics PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT ≤25°C 1 60 IIO Input offset current ≤70°C 100 pA IIO Input offset current VIC = VS/2, VO = VS/2, ≤125°C 1000 pA VIC = VS/2, VO = VS/2, RL = 100 kΩ,RS = 50 Ω ≤25°C 1 60 IIB Input bias current S ≤70°C 200 pA IIB Input bias current ≤125°C 1000 pA ri(d) Differential input resistance 25°C 1000 GΩ CIC Common-mode input capacitance f = 1 kHz 25°C 8 pF power supply PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT I Quiescent current (per channel) V V /2 25°C 7 11 A IQ Quiescent current (per channel) VO = VS/2 Full range 16 μA PSRR Power supply rejection ratio (ΔV /ΔV ) VS = 2.7 V to 16 V, No load, 25°C 74 82 dB PSRR Power supply rejection ratio (ΔVS/ΔVIO) VS = 2.7 V to 16 V, VIC = VS/2 V No load, Full range 70 dB † Full range is −40°C to 125°C for I suffix. |
Similar Part No. - TLV27L2CDR |
|
Similar Description - TLV27L2CDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |