Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB688 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB688
Description  Photologic Optical Flag Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB688 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB688 Datasheet HTML 1Page - OPTEK Technologies OPB688 Datasheet HTML 2Page - OPTEK Technologies OPB688 Datasheet HTML 3Page - OPTEK Technologies OPB688 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Types OPB685, OPB686, OPB687, OPB688
Typical Performance Curves
A
K
VCC
OUT
GND
A
K
VCC
OUT
GND
A
K
VCC
OUT
GND
A
K
VCC
OUT
GND
OPB685...Buffer/10K PU
OPB687...Inverter/10K PU
OPB688...Inverter/OC
OPB686...Buffer/OC
Switching Time vs Ambient
Temperature
TA - Ambient Temperature -
oC
Rise Time vs Output Load vs
Ambient Temperature
TA - Ambient Temperature -
oC
Typical Thermal Derating Curve
TA - Ambient Temperature -
oC
Schematics
Safe Operating
Area
VCC = 5 V
IF = 0 or 10 mA
f = 10 KHz
D.C. = 50%
RL = 300
tf
tr
VCC = 5 V
IF = 0 or 10 mA
f = 10 kHz
DC = 50%
* - Equivalent Output Load
Including Pull-up if Applicable
RL = 2
Ω*
RL = 390*
RL = 300
Ω*
RL = 1
Ω*
No Heat Sink;
Derate 2.50 mW/o C
Above 30o C
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
12-59


Similar Part No. - OPB688

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB688 OPTEK-OPB688 Datasheet
278Kb / 5P
   Photologic짰 Optical Flag Switch
logo
TT Electronics.
OPB688 TTELEC-OPB688 Datasheet
1Mb / 6P
   Photologic Optical Flag Switch
More results

Similar Description - OPB688

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB695 OPTEK-OPB695 Datasheet
416Kb / 5P
   Photologic Optical Flag Switch
logo
TT Electronics.
OPB685 TTELEC-OPB685 Datasheet
1Mb / 6P
   Photologic Optical Flag Switch
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB972T55 OPTEK-OPB972T55 Datasheet
186Kb / 6P
   Photologic Slotted Optical Switch
logo
TT Electronics.
OPB980L51Z TTELEC-OPB980L51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB916BOCZ TTELEC-OPB916BOCZ Datasheet
711Kb / 6P
   Photologic Slotted Optical Switch
OPB930L51 TTELEC-OPB930L51 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB961N51 TTELEC-OPB961N51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com