Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXL2UM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESDXL2UM
Description  Low capacitance double ESD protection diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXL2UM Datasheet(HTML) 3 Page - NXP Semiconductors

  PESDXL2UM Datasheet HTML 1Page - NXP Semiconductors PESDXL2UM Datasheet HTML 2Page - NXP Semiconductors PESDXL2UM Datasheet HTML 3Page - NXP Semiconductors PESDXL2UM Datasheet HTML 4Page - NXP Semiconductors PESDXL2UM Datasheet HTML 5Page - NXP Semiconductors PESDXL2UM Datasheet HTML 6Page - NXP Semiconductors PESDXL2UM Datasheet HTML 7Page - NXP Semiconductors PESDXL2UM Datasheet HTML 8Page - NXP Semiconductors PESDXL2UM Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2003 Aug 05
3
Philips Semiconductors
Product specification
Low capacitance double ESD protection diode
PESDxL2UM series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Non-repetitive current pulse 8/20
µs exponential decay waveform; see Fig.5.
2. Pins 1 and 3 or 2 and 3.
3. Pins 1 and 2.
4. Device mounted on standard printed-circuit board.
ESD standards compliance
THERMAL CHARACTERISTICS
Notes
1. Refer to SOT883 standard mounting conditions (footprint), FR4 with 60
µm copper strip line.
2. FR4 single-sided copper 1 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
Ipp
peak pulse current
8/20
µs pulse; notes 1, 2 and 3
PESD3V3L2UM
3A
PESD5V0L2UM
2.5
A
Ppp
peak pulse power
8/20
µs pulse; notes 1, 2 and 3
30
W
IFSM
non-repetitive peak forward current
tp = 1 ms; square pulse
3.5
A
IZSM
non-repetitive peak reverse current
tp = 1 ms; square pulse
PESD3V3L2UM
0.9
A
PESD5V0L2UM
0.8
A
Ptot
total power dissipation
Tamb =25 °C; note 4
250
mW
PZSM
non-repetitive peak reverse power
dissipation
tp = 1 ms; square pulse; see Fig.4
6W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
ESD
electrostatic discharge
IEC 61000-4-2 (contact discharge)
15
kV
HBM MIL-Std 883
10
kV
IEC 61000-4-2, level 4 (ESD)
>15 kV (air); >8 kV (contact)
HBM MIL-Std 883, class 3
>4 kV
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
all diodes loaded; note 1
500
K/W
one diode loaded; note 2
290
K/W


Similar Part No. - PESDXL2UM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL2UM NXP-PESDXL2UM Datasheet
175Kb / 9P
   Low capacitance double ESD protection diode
2005 May 23
logo
Nexperia B.V. All right...
PESDXL2UM_SER NEXPERIA-PESDXL2UM_SER Datasheet
205Kb / 10P
   Low capacitance double ESD protection diode
2005 May 23
More results

Similar Description - PESDXL2UM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXL2UM_SER NEXPERIA-PESDXL2UM_SER Datasheet
205Kb / 10P
   Low capacitance double ESD protection diode
2005 May 23
logo
NXP Semiconductors
PESDXL2UM NXP-PESDXL2UM Datasheet
175Kb / 9P
   Low capacitance double ESD protection diode
2005 May 23
logo
Nexperia B.V. All right...
MMBZ12VAL-Q NEXPERIA-MMBZ12VAL-Q Datasheet
214Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ20VAL-Q NEXPERIA-MMBZ20VAL-Q Datasheet
214Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ16VAT-Q NEXPERIA-MMBZ16VAT-Q Datasheet
210Kb / 11P
   Low capacitance unidirectional double ESD protection diode
21 July 2023
PESD15VL2BT-Q NEXPERIA-PESD15VL2BT-Q Datasheet
233Kb / 11P
   Low capacitance double bidirectional ESD protection diode
3 May 2022
PESD36VS2UT NEXPERIA-PESD36VS2UT Datasheet
335Kb / 11P
   Low capacitance unidirectional double ESD protection diode
17 April 2023
MMBZ10VAL-Q NEXPERIA-MMBZ10VAL-Q Datasheet
215Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
PESD5V0S2BT-Q NEXPERIA-PESD5V0S2BT-Q Datasheet
228Kb / 12P
   Low capacitance bidirectional double ESD protection diode
24 April 2023
logo
NXP Semiconductors
PESD36VS2UT PHILIPS-PESD36VS2UT Datasheet
128Kb / 12P
   Low capacitance unidirectional double ESD protection diode
Rev. 01-16 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com