Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3845DTRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # UC3845DTRG4
Description  Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3845DTRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UC3845DTRG4 Datasheet HTML 6Page - Texas Instruments UC3845DTRG4 Datasheet HTML 7Page - Texas Instruments UC3845DTRG4 Datasheet HTML 8Page - Texas Instruments UC3845DTRG4 Datasheet HTML 9Page - Texas Instruments UC3845DTRG4 Datasheet HTML 10Page - Texas Instruments UC3845DTRG4 Datasheet HTML 11Page - Texas Instruments UC3845DTRG4 Datasheet HTML 12Page - Texas Instruments UC3845DTRG4 Datasheet HTML 13Page - Texas Instruments UC3845DTRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
100
20
2
1
1 M
Frequency (Hz)
100 k
10 k
100
1000
10
50
5
CCT (nF)
100
47
22
10
4.7
2.2
1
CCT (nF)
1
5
10
50
100
0.3
0.5
1
5
10
30
30
D006
0
4
Output Current (A)
0.01
0.1
1
1
2
3
Source, TA = 25°C
Sink, TA = 25°C
Source, TA = ±55°C
Sink, TA = ±55°C
Temperature (C)
-75
-50
-25
0
25
50
75
100
125
150
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
D008
10
UC1842, UC2842, UC3842, UC1843, UC2843, UC3843
UC1844, UC2844, UC3844, UC1845, UC2845, UC3845
SLUS223D – APRIL 1997 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: UC1842 UC2842 UC3842 UC1843 UC2843 UC3843 UC1844 UC2844 UC3844 UC1845
UC2845 UC3845
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. VREF Voltage vs Temperature
Figure 8. Output Saturation
Figure 9. Dead Time vs Timing Capacitance, CCT
Figure 10. Timing Resistance, RRT, vs Frequency


Similar Part No. - UC3845DTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3845DTRG4 TI-UC3845DTRG4 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC3845DTRG4 TI-UC3845DTRG4 Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3845DTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com