Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV700 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV700
Description  TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV700 Datasheet(HTML) 1 Page - Texas Instruments

  TLV700_16 Datasheet HTML 1Page - Texas Instruments TLV700_16 Datasheet HTML 2Page - Texas Instruments TLV700_16 Datasheet HTML 3Page - Texas Instruments TLV700_16 Datasheet HTML 4Page - Texas Instruments TLV700_16 Datasheet HTML 5Page - Texas Instruments TLV700_16 Datasheet HTML 6Page - Texas Instruments TLV700_16 Datasheet HTML 7Page - Texas Instruments TLV700_16 Datasheet HTML 8Page - Texas Instruments TLV700_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TLV700xx
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV700
SLVSA00E – SEPTEMBER 2009 – REVISED APRIL 2015
TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
1 Features
3 Description
The TLV700 series of low-dropout (LDO) linear
1
Very Low Dropout:
regulators are low quiescent current devices with
43 mV at IOUT = 50 mA, VOUT = 2.8 V
excellent line and load transient performance. These
85 mV at IOUT = 100 mA, VOUT = 2.8 V
LDOs are designed for power-sensitive applications.
A precision bandgap and error amplifier provides
175 mV at IOUT = 200 mA, VOUT = 2.35 V
overall 2% accuracy. Low output noise, very high
2% Accuracy
power-supply rejection ratio (PSRR), and low dropout
Low IQ: 31 μA
voltage make this series of devices ideal for most
battery-operated handheld equipment. All device
Available in Fixed-Output Voltages from 1.2 V to
versions have thermal shutdown and current limit for
4.8 V
safety.
High PSRR: 68 dB at 1 kHz
Furthermore, these devices are stable with an
Stable With Effective Capacitance of 0.1
μF(1)
effective output capacitance of only 0.1
μF. This
Thermal Shutdown and Overcurrent Protection
feature enables the use of cost-effective capacitors
Available in 1.5-mm × 1.5-mm SON-6, SOT23-5,
that have higher bias voltages and temperature
and SC-70 Packages
derating. The devices regulate to specified accuracy
with no output load.
(1)
See the Input and Output Capacitor Requirements.
The TLV700 series of LDOs are available in 1.5-mm
2 Applications
× 1.5-mm SON-6, SOT-5, and SC70 packages.
Wireless Handsets
Device Information(1)
Smart Phones, PDAs
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ZigBee® Networks
SC70 (5)
2.00 mm × 1.25 mm
Bluetooth® Devices
TL700xx
SOT (5)
2.90 mm × 1.60 mm
Li-Ion Operated Handheld Products
WSON (6)
1.50 mm × 1.50 mm
WLAN and Other PC Add-on Cards
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV700_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70031DSER TI1-TLV70031DSER Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70031DSET TI1-TLV70031DSET Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700 TI-TLV700_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV700_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700 TI-TLV700_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV700 200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com