Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2762CDGK Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2762CDGK
Description  FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2762CDGK Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2762CDGK Datasheet HTML 3Page - Texas Instruments TLV2762CDGK Datasheet HTML 4Page - Texas Instruments TLV2762CDGK Datasheet HTML 5Page - Texas Instruments TLV2762CDGK Datasheet HTML 6Page - Texas Instruments TLV2762CDGK Datasheet HTML 7Page - Texas Instruments TLV2762CDGK Datasheet HTML 8Page - Texas Instruments TLV2762CDGK Datasheet HTML 9Page - Texas Instruments TLV2762CDGK Datasheet HTML 10Page - Texas Instruments TLV2762CDGK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS326F − JUNE 2000 − REVISED AUGUST 2013
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VDD = 1.8 V, 2.4 V (unless
otherwise noted) (continued)
dynamic performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
UGBW
Unity gain bandwidth
RL = 300 kΩ,
CL = 10 pF
25°C
500
kHz
V
18 V
25°C
0.11
0.20
VDD = 1.8 V
Full range
0.09
V/ s
SR
Positive slew rate at
VO(PP) = 1 V, RL = 300 kΩ,
V
24 V
25°C
0.11
0.22
V/μs
SR+
Positive slew rate at
unity gain
VO(PP) = 1 V, RL = 300 kΩ,
CL = 50 pF,
VDD = 2.4 V
Full range
0.09
V
36 V
25°C
0.11
0.23
V/ s
VDD = 3.6 V
Full range
0.09
V/μs
V
18 V
25°C
0.08
0.15
VDD = 1.8 V
Full range
0.07
V/ s
SR
Negative slew rate at
VO(PP) = 1 V, RL = 300 kΩ,
V
24 V
25°C
0.10
0.18
V/μs
SR−
Negative slew rate at
unity gain
VO(PP) = 1 V, RL = 300 kΩ,
CL = 50 pF,
VDD = 2.4 V
Full range
0.09
V
36 V
25°C
0.10
0.22
V/ s
VDD = 3.6 V
Full range
0.09
V/μs
φm
Phase margin
R
300 kΩ
C
100 pF
25°C
63
°
Gain margin
RL = 300 kΩ,
CL = 100 pF
25°C
20
dB
VDD = 1.8 V, V(STEP)PP = 1 V,
0.1%
6.4
t
Settling time
VDD = 1.8 V, V(STEP)PP = 1 V,
AV = −1, CL = 10 pF, RL = 300 kΩ
0.01%
25°C
13.7
s
ts
Settling time
VDD = 2.4 V, V(STEP)PP = 1 V,
0.1%
25°C
6
μs
VDD = 2.4 V, V(STEP)PP = 1 V,
AV = −1, CL = 10 pF, RL = 300 kΩ
0.01%
13.9
Full range is 0°C to 70°C for the C-suffix and −40°C to 85°C for the I-suffix. If not specified, full range is −40°C to 85°C.
noise/distortion
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 1.8 V,
AV = 1
0.08%
DD
,
VO(PP) = VDD/2 V,
RL = 300 kΩ
AV = 10
25°C
0.10%
THD N
Total harmonic distortion plus noise
RL = 300 kΩ,
f = 1 kHz
AV = 100
0.27%
THD + N
Total harmonic distortion plus noise
VDD = 2.4 V,
AV = 1
0.06%
DD
,
VO(PP) = VDD/2 V,
RL = 300 kΩ
AV = 10
25°C
0.08%
RL = 300 kΩ,
f = 1 kHz
AV = 100
0.24%
V
Equivalent input noise voltage
f = 1 kHz
25°C
95
nV/√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
25°C
75
nV/√Hz
In
Equivalent input noise current
f = 1 kHz
25°C
0.8
fA /√Hz
shutdown characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
I
Supply current, all channels in shutdown mode
SHDN 0 V
25°C
10
50
nA
IDD(SHDN)
Supply current, all channels in shutdown mode
(TLV2760, TLV2763, TLV2765) (per channel)
SHDN = 0 V
Full range
400
nA
t(on)
Amplifier turnon time (see Note 3)
RL = 300 kΩ
25°C
5
μs
t(off)
Amplifier turnoff time (see Note 3)
RL = 300 kΩ
25°C
0.8
μs
Full range is 0°C to 70°C for the C-suffix and −40°C to 85°C for the I-suffix. If not specified, full range is −40°C to 85°C.
NOTE 3: Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply
current has reached half its final value.


Similar Part No. - TLV2762CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2762CD TI-TLV2762CD Datasheet
470Kb / 27P
[Old version datasheet]   FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
TLV2762CDR TI-TLV2762CDR Datasheet
470Kb / 27P
[Old version datasheet]   FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
More results

Similar Description - TLV2762CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1 TI1-TLV27L1_15 Datasheet
831Kb / 22P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
   Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com