Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2763IDGS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2763IDGS
Description  FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2763IDGS Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2763IDGS Datasheet HTML 2Page - Texas Instruments TLV2763IDGS Datasheet HTML 3Page - Texas Instruments TLV2763IDGS Datasheet HTML 4Page - Texas Instruments TLV2763IDGS Datasheet HTML 5Page - Texas Instruments TLV2763IDGS Datasheet HTML 6Page - Texas Instruments TLV2763IDGS Datasheet HTML 7Page - Texas Instruments TLV2763IDGS Datasheet HTML 8Page - Texas Instruments TLV2763IDGS Datasheet HTML 9Page - Texas Instruments TLV2763IDGS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS326F − JUNE 2000 − REVISED AUGUST 2013
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VDD = 1.8 V, 2.4 V (unless
otherwise noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
18V
25°C
1.77
1.79
VDD = 1.8V
Full range
1.76
VIC = VDD/2,
V
24V
25°C
2.38
2.39
VIC = VDD/2,
IOH = −100 μA
VDD = 2.4V
Full range
2.37
O
V
36V
25°C
3.58
3.59
V
High level output voltage
VDD = 3.6V
Full range
3.57
V
VOH
High-level output voltage
V
18V
25°C
1.725
1.75
V
VDD = 1.8V
Full range
1.7
VIC = VDD/2,
V
24V
25°C
2.325
2.35
VIC = VDD/2,
IOH = −500 μA
VDD = 2.4V
Full range
2.3
O
V
36V
25°C
3.525
3.55
VDD = 3.6V
Full range
3.5
V
V /2
I
100 A
25°C
10
20
V
Low level output voltage
VIC = VDD/2,
IOL = 100 μA
Full range
30
mV
VOL
Low-level output voltage
V
V /2
I
500 A
25°C
50
75
mV
VIC = VDD/2,
IOL = 500 μA
Full range
100
VDD = 1.8 V,
Positive rail
25°C
4.8
I
Output current
VDD = 1.8 V,
VO = 0.5 V from
Negative rail
25°C
7.2
mA
IO
Output current
VDD = 2.4 V,
Positive rail
25°C
7.3
mA
VDD = 2.4 V,
VO = 0.5 V from
Negative rail
25°C
10.2
V
18 V
Sourcing
25°C
7
I
Short circuit output current
VDD = 1.8 V
Sinking
25°C
10
mA
IOS
Short-circuit output current
V
24 V
Sourcing
25°C
15
mA
VDD = 2.4 V
Sinking
25°C
19
Full range is 0°C to 70°C for the C-suffix and −40°C to 85°C for the I-suffix. If not specified, full range is −40°C to 85°C.
power supply, VDD = 1.8 V, 2.4 V, 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
I
Supply current (per channel)
V
V /2
25°C
20
28
A
IDD
Supply current (per channel)
VO = VDD/2,
SHDN = VDD
Full range
30
μA
VDD = 1.8 V to 2.4 V,
25°C
65
85
VDD = 1.8 V to 2.4 V,
VIC = VDD/2
Full range
63
k
Supply voltage rejection ratio
VDD = 2.4 V to 3.6 V,
No load
25°C
65
85
dB
kSVR
Supply voltage rejection ratio
(ΔVDD /ΔVIO)
VDD = 2.4 V to 3.6 V,
VIC = VDD/2
No load
Full range
63
dB
O
VDD = 1.8 V to 3.6 V,
25°C
65
85
VDD = 1.8 V to 3.6 V,
VIC = VDD/2
Full range
63
Full range is 0°C to 70°C for the C-suffix and −40°C to 85°C for the I-suffix. If not specified, full range is −40°C to 85°C.


Similar Part No. - TLV2763IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2763IDGS TI-TLV2763IDGS Datasheet
470Kb / 27P
[Old version datasheet]   FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
TLV2763IDGSR TI-TLV2763IDGSR Datasheet
470Kb / 27P
[Old version datasheet]   FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
More results

Similar Description - TLV2763IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1 TI1-TLV27L1_15 Datasheet
831Kb / 22P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
   Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com