Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV521DCKT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521DCKT
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521DCKT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV521DCKT Datasheet HTML 4Page - Texas Instruments TLV521DCKT Datasheet HTML 5Page - Texas Instruments TLV521DCKT Datasheet HTML 6Page - Texas Instruments TLV521DCKT Datasheet HTML 7Page - Texas Instruments TLV521DCKT Datasheet HTML 8Page - Texas Instruments TLV521DCKT Datasheet HTML 9Page - Texas Instruments TLV521DCKT Datasheet HTML 10Page - Texas Instruments TLV521DCKT Datasheet HTML 11Page - Texas Instruments TLV521DCKT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
VCM (V)
15
10
5
0
-5
-10
-15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
85°C
125°C
VS = 3.3V
FREQUENCY (Hz)
100
80
60
40
20
0
VS = 1.8 V, 3.3 V, 5 V
VS = 5 V
VS = 3.3 V
VS = 1.8 V
+PSRR
-PSRR
10
100
1k
10k
100k
VCM (V)
50
40
30
20
10
0
-10
-20
-30
-40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40°C
25°C
VS = 3.3V
VS (V)
5
4
3
2
1
2
3
4
5
6
RL = 100 kΩ
125°C
85°C
25°C
-40°C
VS (V)
40
30
20
10
0
1
2
3
4
5
6
VCM = VS/2
125°C
85°C
25°C
-40°C
VS (V)
5
4
3
2
1
0
1
2
3
4
5
6
RL = 100 kΩ
125°C
85°C
25°C
-40°C
8
TLV521
SNOSD26 – MAY 2016
www.ti.com
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 13. Sinking Current vs. Supply Voltage
Figure 14. Output Swing High vs. Supply Voltage
Figure 15. Output Swing Low vs. Supply Voltage
Figure 16. Input Bias Current vs. Common Mode Voltage
Figure 17. Input Bias Current vs. Common Mode Voltage
Figure 18. PSRR vs. Frequency


Similar Part No. - TLV521DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
[Old version datasheet]   TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV522DGKR TI1-TLV522DGKR Datasheet
1Mb / 22P
[Old version datasheet]   TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV522DGKT TI1-TLV522DGKT Datasheet
1Mb / 22P
[Old version datasheet]   TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
More results

Similar Description - TLV521DCKT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
[Old version datasheet]   NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LPV521MGX TI-LPV521MGX Datasheet
1Mb / 29P
[Old version datasheet]   LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
[Old version datasheet]   LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
[Old version datasheet]   RRIO, CMOS Input, Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
[Old version datasheet]   TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
LPV542 TI-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
[Old version datasheet]   500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com