Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2772AQ Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2772AQ
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2772AQ Datasheet(HTML) 2 Page - Texas Instruments

  TLV2772AQ Datasheet HTML 1Page - Texas Instruments TLV2772AQ Datasheet HTML 2Page - Texas Instruments TLV2772AQ Datasheet HTML 3Page - Texas Instruments TLV2772AQ Datasheet HTML 4Page - Texas Instruments TLV2772AQ Datasheet HTML 5Page - Texas Instruments TLV2772AQ Datasheet HTML 6Page - Texas Instruments TLV2772AQ Datasheet HTML 7Page - Texas Instruments TLV2772AQ Datasheet HTML 8Page - Texas Instruments TLV2772AQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
TLV277x-Q1, TLV277xA-Q1
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SGLS179D− SEPTEMBER 2003 − REVISED AUGUST 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
A SELECTION OF SINGLE-SUPPLY OPERATIONAL AMPLIFIER PRODUCTS
DEVICE
VDD
(V)
BW
(MHz)
SLEW RATE
(V/
µs)
IDD (per channel)
(
µA)
RAIL-TO-RAIL
TLV277x
2.5 − 6
5.1
10.5
1000
O
TLV247x
2.7 − 6
2.8
1.5
600
I/O
TLV245x
2.7 − 6
0.22
0.11
23
I/O
TLV246x
2.7 − 6
6.4
1.6
550
I/O
All specifications measured at 5 V.
ORDERING INFORMATION{
TA
VIOmax
AT 25
°C
(mV)
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
2.5
SOIC (D)
Tape and reel
TLV2770QDRQ1§
1.6
SOIC (D)
Tape and reel
TLV2770AQDRQ1§
2.5
SOT-23 (DBV)
Tape and reel
TLV2771QDBVRQ1
VBPQ
2.5
SOIC (D)
Tape and reel
TLV2771QDRQ1§
1.6
SOIC (D)
Tape and reel
TLV2771AQDRQ1§
25
SOIC (D)
Tape and reel
TLV2772QDRQ1
TLV2772QI
2.5
TSSOP (PW)
Tape and reel
TLV2772QPWRQ1
TLV2772QI
16
SOIC (D)
Tape and reel
TLV2772AQDRQ1
TLV2772AQ
1.6
TSSOP (PW)
Tape and reel
TLV2772AQPWRQ1
TLV2772AQ
−40
°C to 125°C
2.5
SOIC (D)
Tape and reel
TLV2773QDRQ1§
40 C to 125 C
1.6
SOIC (D)
Tape and reel
TLV2773AQDRQ1§
27
SOIC (D)
Tape and reel
TLV2774QDRQ1§
2.7
TSSOP (PW)
Tape and reel
TLV2774QPWRQ1§
21
SOIC (D)
Tape and reel
TLV2774AQDRQ1§
2.1
TSSOP (PW)
Tape and reel
TLV2774AQPWRQ1§
27
SOIC (D)
Tape and reel
TLV2775QDRQ1§
2.7
TSSOP (PW)
Tape and reel
TLV2775QPWRQ1§
21
SOIC (D)
Tape and reel
TLV2775AQDRQ1§
2.1
TSSOP (PW)
Tape and reel
TLV2775AQPWRQ1§
For the most current package and ordering information, see the Package Option Addendum at the end of this document,
or see the TI web site at http://www.ti.com.
Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
§ Product Preview


Similar Part No. - TLV2772AQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2772AQD TI-TLV2772AQD Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772AQDG4 TI-TLV2772AQDG4 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772AQDR TI-TLV2772AQDR Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772AQDRG4 TI-TLV2772AQDRG4 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772AQDRG4Q1 TI1-TLV2772AQDRG4Q1 Datasheet
974Kb / 45P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2772AQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV277X TI1-TLV277X_17 Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X-EP TI1-TLV277X-EP Datasheet
1Mb / 42P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_16 Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV2771-Q1 TI1-TLV2771-Q1 Datasheet
974Kb / 45P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI-TLV277X_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X-Q1 TI-TLV277X-Q1 Datasheet
828Kb / 41P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772A-EP TI1-TLV2772A-EP Datasheet
1Mb / 40P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV227X TI-TLV227X Datasheet
1Mb / 63P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI-TLV277X Datasheet
918Kb / 54P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com