Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2764IDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2764IDR
Description  FAMILY OF1.8V MICROPOWER RAIL-TO-RAIL OUTPUT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2764IDR Datasheet(HTML) 1 Page - Texas Instruments

  TLV2764IDR Datasheet HTML 1Page - Texas Instruments TLV2764IDR Datasheet HTML 2Page - Texas Instruments TLV2764IDR Datasheet HTML 3Page - Texas Instruments TLV2764IDR Datasheet HTML 4Page - Texas Instruments TLV2764IDR Datasheet HTML 5Page - Texas Instruments TLV2764IDR Datasheet HTML 6Page - Texas Instruments TLV2764IDR Datasheet HTML 7Page - Texas Instruments TLV2764IDR Datasheet HTML 8Page - Texas Instruments TLV2764IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
TLV2760, TLV2761, TLV2762, TLV2763, TLV2764, TLV2765
FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS326F − JUNE 2000 − REVISED AUGUST 2013
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Supply Voltage . . . 1.8 V to 3.6 V
D Very Low Supply Current ...20 μA (per
channel)
D Ultralow Power Shut-Down Mode
− IDD(SHDN) = 10 nA/Channel
D CMOS Rail-to-Rail Input/Output
D Input Common-Mode Voltage
Range . . . −0.2 V to VDD + 0.2 V
D Input Offset Voltage . . . 550 μV
D Wide Bandwidth... 500 kHz
D Slew Rate . . . 0.20 V/μs
D Specified Temperature Range:
0°C to 70°C . . . Commercial Grade
−40°C to 85°C . . . Industrial Grade
D Ultrasmall Packaging
5 or 6 Pin SOT-23 (TLV2760/1)
8 or 10 Pin MSOP (TLV2762/3)
D Universal Op-Amp EVM
description
The TLV276x single supply operational amplifiers provide 500 kHz bandwidth from only 20 μA while operating
down to 1.8 V over the industrial temperature range. The maximum recommended supply voltage is 3.6 V, which
allows the devices to be operated from ("1.8 V supplies down to "0.9 V) two AA or AAA cells. The devices
have been characterized at 1.8 V (end of life of 2 AA(A) cells) and at 2.4 V (nominal voltage of 2 NiCd/NiMH
cells). The TLV276x have rail-to-rail input and output capability which is a necessity at 1.8 V.
The low supply current is coupled with extremely low input bias currents enabling them to be used with
mega-ohm resistors. Low shutdown current of only 10 nA make these devices ideal for low frequency
measurement applications desiring long active battery life.
All members are available in PDIP and SOIC with the singles in the small SOT-23 package, duals in the MSOP,
and quads in the TSSOP package.
SELECTION OF SINGLE SUPPLY AMPLIFIER PRODUCTS
DEVICE
VDD
(V)
VIO
(μV)
IDD/Ch
(μA)
IIB
(pA)
GBW
(MHz)
SR
(V/μs)
Vn,1kHz
(nV/√Hz)
IO
(mA)
SHUT-
DOWN
RAIL-TO-
RAIL
TLV224x
2.5 − 12
600
1
100
0.0055
0.002
NA
0.2
I/O
TLV2211
2.7 − 10
450
13
1
0.065
0.025
21
0.4
O
TLV276x
1.8 − 3.6
550
20
3
0.5
0.23
95
5
Y
I/O
TLV245x(A)
2.7 − 6
20
23
500
0.22
0.11
49
2.5
Y
I/O
TLV246x(A)
2.7 − 6
150
550
1300
6.4
1.6
11
25
Y
I/O
TLV278x(A)
1.8 − 3.6
250
650
2.5
8
5
18
10
Y
I/O
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000−2013, Texas Instruments Incorporated
Operational Amplifier
+
0
2
4
6
8
10
12
14
0
0.6
1.2
1.8
2.4
3
3.6
VDD − Supply Voltage − V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
20
18
16
AV= 1
VIC = VDD/2
TA = 25° C


Similar Part No. - TLV2764IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2764IDR TI-TLV2764IDR Datasheet
470Kb / 27P
[Old version datasheet]   FAMILY OF 1.8 V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUT DOWN
More results

Similar Description - TLV2764IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1 TI1-TLV27L1_15 Datasheet
831Kb / 22P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
   Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com