Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0731317003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0731317003
Description  75 Ohms, BNC Vertical PCB Bulkhead Jack Receptacle, Panel Isolated
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0731317003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0731317003 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/11/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0731317003
Status:
Active
Overview:
BNC RF Connectors
Description:
75 Ohms, BNC Vertical PCB Bulkhead Jack Receptacle, Panel Isolated, Black PBT
Housing
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73131
Overview
BNC RF Connectors
Product Name
BNC
Style
PCB
UPC
800753685987
Wire/Cable Type
N/A
Physical
Cable Attachment
N/A
Gender
Jack
Keying to Mating Part
None
Net Weight
14.834/g
Orientation
Straight
PCB Mounting
Through Hole
PCB Thickness - Recommended
3.20mm
Packaging Type
Tray
Panel Mount
Yes
Panel Mount Method
Bulkhead
Reverse Polar
No
Electrical
Impedance
75#
Solder Process Data
Lead-freeProcess Capability
WAVE
Process Temperature max. C
245
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73131-7003
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73131 Series
This document was generated on 07/11/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0731317003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731317003 MOLEX6-0731317003_V01 Datasheet
30Kb / 1P
   75 Ohms, BNC Vertical PCB Bulkhead Jack Receptacle, Panel Isolated, Black PBT Housing
More results

Similar Description - 0731317003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73131-7003 MOLEX11-73131-7003 Datasheet
33Kb / 1P
   75 Ohms, BNC Vertical PCB Bulkhead Jack Receptacle, Panel Isolated
0731010071 MOLEX11-0731010071 Datasheet
28Kb / 1P
   75 Ohms, BNC Vertical PCB Bulkhead Jack Receptacle, Filtered, Panel Isolated
0731010071 MOLEX-0731010071_V01 Datasheet
29Kb / 1P
   75 Ohms, BNC Vertical PCB Bulkhead Jack Receptacle, Filtered, Panel Isolated
73101-0071 MOLEX11-73101-0071 Datasheet
32Kb / 1P
   75 Ohms, BNC Vertical PCB Bulkhead Jack Receptacle, Filtered, Panel Isolated
73100-0070 MOLEX11-73100-0070 Datasheet
33Kb / 1P
   75 Ohms, BNC Right-Angle PCB Bulkhead Jack Receptacle, Panel Isolated
73100-0071 MOLEX11-73100-0071 Datasheet
33Kb / 1P
   75 Ohms, BNC Right-Angle PCB Bulkhead Jack Receptacle, Panel Isolated
73100-0080 MOLEX11-73100-0080 Datasheet
33Kb / 1P
   75 Ohms, BNC Right-Angle PCB Bulkhead Jack Receptacle, Panel Isolated
73100-0067 MOLEX11-73100-0067 Datasheet
33Kb / 1P
   75 Ohms, BNC Right-Angle PCB Bulkhead Jack Receptacle, Panel Isolated
0731000069 MOLEX11-0731000069 Datasheet
54Kb / 1P
   75 Ohms, BNC Right-Angle PCB Bulkhead Jack Receptacle, Panel Isolated
0731000070 MOLEX11-0731000070 Datasheet
53Kb / 1P
   75 Ohms, BNC Right-Angle PCB Bulkhead Jack Receptacle, Panel Isolated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com