Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH16244ADL Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH16244ADL
Description  3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH16244ADL Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVTH16244ADL Datasheet HTML 1Page - Texas Instruments SN74LVTH16244ADL Datasheet HTML 2Page - Texas Instruments SN74LVTH16244ADL Datasheet HTML 3Page - Texas Instruments SN74LVTH16244ADL Datasheet HTML 4Page - Texas Instruments SN74LVTH16244ADL Datasheet HTML 5Page - Texas Instruments SN74LVTH16244ADL Datasheet HTML 6Page - Texas Instruments SN74LVTH16244ADL Datasheet HTML 7Page - Texas Instruments SN74LVTH16244ADL Datasheet HTML 8Page - Texas Instruments SN74LVTH16244ADL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
SN54LVTH16244A
,, SN74LVTH16244A
3.3-V ABT 16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS142T – MAY 1992 – REVISED NOVEMBER 2006
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
FBGA – GRD
SN74LVTH16244AGRDR
Reel of 1000
LL244A
FBGA – ZRD (Pb-free)
SN74LVTH16244AZRDR
SN74LVTH16244ADL
Tube of 25
SN74LVTH16244ADLG4
SSOP – DL
LVTH16244A
SN74LVTH16244ADLR
Reel of 1000
74LVTH16244ADLRG4
–40
°C to 85°C
SN74LVTH16244ADGGR
TSSOP – DGG
Reel of 2000
74LVTH16244ADGGRE4
LVTH16244A
74LVTH16244ADGGRG4
SN74LVTH16244ADGVR
TVSOP – DGV
Reel of 2000
LL244A
74LVTH16244ADGVRE4
VFBGA – GQL
SN74LVTH16244AGQLR
Reel of 1000
LL244A
VFBGA – ZQL (Pb-free)
SN74LVTH16244AZQLR
–55
°C to 125°C CFP – WD
Tube
SNJ54LVTH16244AWD
SNJ54LVTH16244AWD
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback


Similar Part No. - SN74LVTH16244ADL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH16244ADL TI-SN74LVTH16244ADL Datasheet
659Kb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH16244ADL TI1-SN74LVTH16244ADL Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V ABT 16-Bit Buffers/Drivers With 3-State Outputs
SN74LVTH16244ADLG4 TI-SN74LVTH16244ADLG4 Datasheet
659Kb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH16244ADLG4 TI1-SN74LVTH16244ADLG4 Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V ABT 16-Bit Buffers/Drivers With 3-State Outputs
SN74LVTH16244ADLR TI-SN74LVTH16244ADLR Datasheet
659Kb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH16244ADL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT16244B TI-SN54LVT16244B_08 Datasheet
637Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162240 TI-SN54LVTH162240_06 Datasheet
137Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH16240 TI-SN74LVTH16240_07 Datasheet
224Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT16244B TI-SN54LVT16244B Datasheet
120Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
110Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI1-SN54LVTH162241_08 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162541 TI-SN54LVTH162541 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16241 TI-SN54LVTH16241 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A Datasheet
468Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A_08 Datasheet
624Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI-SN54LVTH162241 Datasheet
114Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com