Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC24K Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC24K
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC24K Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC24K Datasheet HTML 4Page - Texas Instruments TLV320AIC24K Datasheet HTML 5Page - Texas Instruments TLV320AIC24K Datasheet HTML 6Page - Texas Instruments TLV320AIC24K Datasheet HTML 7Page - Texas Instruments TLV320AIC24K Datasheet HTML 8Page - Texas Instruments TLV320AIC24K Datasheet HTML 9Page - Texas Instruments TLV320AIC24K Datasheet HTML 10Page - Texas Instruments TLV320AIC24K Datasheet HTML 11Page - Texas Instruments TLV320AIC24K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
www.ti.com
DAC DYNAMIC PERFORMANCE
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
AIC20/21/24/25
AIC20k/24k
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Line Output (LINEO-, LINEO+)
The test is measured at output of the application schematic low-pass filter. The test is conducted in
Using FIR Filter
16-bit mode.
VI = 0 dB
88
92
80
92
SNR
Signal-to-noise ratio
VI = -9 dB
81
83
83
VI = 0 dB
84
90
70
90
THD
Total Harmonic Distortion
dB
VI = -9 dB
77
84
84
VI = 0 dB
82
88
88
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
76
80
80
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Line Output (LINEO-, LINEO+)
The test is measured at output of the application schematic low-pass filter. The test is conducted in
Using IIR Filter
16-bit mode.
VI = 0 dB
83
83
SNR
Signal-to-noise ratio
VI = -9 dB
74
74
VI = 0 dB
85
85
THD
Total Harmonic Distortion
dB
VI = -9 dB
80
80
VI = 0 dB
80
80
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
73
73
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Headphone Output (HDSO-,
The test is measured at output of the application schematic low-pass filter. The test is conducted in
HDSO+), (HNSO-, HNSO+)(1)
16-bit mode.
VI = 0 dB
92
92
SNR
Signal-to-noise ratio
VI = -9 dB
83
83
VI = 0 dB
90
90
THD
Total Harmonic Distortion
dB
VI = -9 dB
89
89
VI = 0 dB
88
88
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
82
82
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Speaker Output (SPKO-,
The test is measured at output of the application schematic low-pass filter. The test is conducted in
SPKO+)(1)(2)
16-bit mode.
VI = 0 dB
91
91
SNR
Signal-to-noise ratio
VI = -9 dB
83
83
VI = 0 dB
91
91
THD
Total Harmonic Distortion
dB
VI = -9 dB
91
91
VI = 0 dB
88
88
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
82
82
(1)
The conversion rate is 8 kHz.
(2)
The speaker driver is valid only for the AIC20/21/20K.
8


Similar Part No. - TLV320AIC24K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC24K TI-TLV320AIC24K Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC24KC TI-TLV320AIC24KC Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC24KI TI-TLV320AIC24KI Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC24KIPFB TI-TLV320AIC24KIPFB Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC24KIPFBG4 TI-TLV320AIC24KIPFBG4 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results

Similar Description - TLV320AIC24K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
NXP Semiconductors
XA-H3 PHILIPS-XA-H3 Datasheet
183Kb / 36P
   CMOS 16-bit highly integrated microcontroller
1999 Sep 24
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
logo
Analog Devices
AD7725 AD-AD7725 Datasheet
442Kb / 28P
   16-Bit 900 kSPS ADC with a Programmable Postprocessor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com