Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1634 Datasheet(PDF) 1 Page - Texas Instruments

Part # UC1634
Description  Phase Locked Frequency Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1634 Datasheet(HTML) 1 Page - Texas Instruments

  UC1634 Datasheet HTML 1Page - Texas Instruments UC1634 Datasheet HTML 2Page - Texas Instruments UC1634 Datasheet HTML 3Page - Texas Instruments UC1634 Datasheet HTML 4Page - Texas Instruments UC1634 Datasheet HTML 5Page - Texas Instruments UC1634 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Phase Locked Frequency Controller
UC1634
UC2634
UC3634
FEATURES
Precision Phase Locked Frequency Control
System
Communication Logic for 2-Phase Motors
Disable Input for Motor Inhibit
Crystal Oscillator
Programmable Reference Frequency Dividers
Phase Detector with Absolute Frequency
Steering
Digital Lock Indicator
Two High Current Op-Amps
5V Reference Output
DESCRIPTION
The UC1634 series of devices is optimized to provide precision
phase locked frequency control for two phase DC brushless mo-
tors. These devices include most of the features of the general
purpose UC1633 Phase Locked Control family and also provide
the out-of-phase commutation signals required for driving two
phase brushless motors. Only an external power booster stage
is required for a complete drive and control system.
The two commutation outputs are open collector devices that can
sink in excess of 16mA. A disable input allows the user to simul-
taneously force both of these outputs to an active low state.
Double edge logic, following the sense amplifier, doubles the ref-
erence frequency at the phase detector by responding to both
edges of the input signal at Pin 7.
BLOCK DIAGRAM
6/93


Similar Part No. - UC1634

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1634 TI-UC1634 Datasheet
269Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
More results

Similar Description - UC1634

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1633 TI-UC1633 Datasheet
558Kb / 8P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI-UC1634 Datasheet
269Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC1635 TI-UC1635 Datasheet
340Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC3633Q TI-UC3633Q Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
   Phase-Locked Loop Frequency Synthesizer
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
   FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
UPD1703C-017 NEC-UPD1703C-017 Datasheet
517Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-011 NEC-UPD1703C-011 Datasheet
477Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com