Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3707 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC3707
Description  DUAL CHANNEL POWER DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3707 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC3707 Datasheet HTML 2Page - Texas Instruments UC3707 Datasheet HTML 3Page - Texas Instruments UC3707 Datasheet HTML 4Page - Texas Instruments UC3707 Datasheet HTML 5Page - Texas Instruments UC3707 Datasheet HTML 6Page - Texas Instruments UC3707 Datasheet HTML 7Page - Texas Instruments UC3707 Datasheet HTML 8Page - Texas Instruments UC3707 Datasheet HTML 9Page - Texas Instruments UC3707 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SHUTDOWN CIRCUIT DESCRIPTION
UC1707, UC2707, UC3707
SLUS177B – MARCH 1999 – REVISED SEPTEMBER 2008 ............................................................................................................................................. www.ti.com
SIMPLIFIED INTERNAL CIRCUITRY (continued)
Figure 4. Use of the Shutdown Pin
The function of the circuitry is to be able to provide a shutdown of the device. This is defined as functionality that
will drive both outputs to the low state. There are three different inputs that govern this shutdown capability.
• Analog Stop Pins — The differential inputs to this comparator provide a way to execute a shutdown.
• Latch Disable Pin — Assuming that the Shutdown pin is left open, a high on this pin disables the latching
functionality of the Analog Stop shutdown. A low on this pin enables the latching functionality of the Analog
Stop shutdown. If a shutdown occurs through the Analog Stop circuit while Latch Disable is high, then the
outputs will go low, but will return to normal operation as soon as the Analog Stop circuit allows it. If a
shutdown occurs through the Analog Stop circuit while Latch Disable is low, then the outputs will go low and
remain low even if the Analog Stop circuit no longer drives the shutdown. The outputs will remain "latched"
low (in shutdown) until the Latch Disable goes high and the Analog Stop circuit allows it to return from
shutdown or the VIN voltage is cycled to 0V and then returned above 5V.
• Shutdown Pin — This pin serves two purposes.
1. It can be used as an output of the Analog Stop circuit.
2. It can be used as an input to force a shutdown or to force the device out of shutdown. This pin can
override both the Analog Stop circuit as well as the Latch Disable Pin. When driving hard logic levels into
the Shutdown pin, the Latch Disable functionality will be overridden and the Latch Disable will not function
as it does when used in conjunction with the Analog Stop circuit. When the Shutdown pin is high, the
outputs will be in the low state (shutdown). When the Shutdown pin is low (hard logic low) the outputs will
operate normally, regardless of the state of the Latch Disable pin or the Analog Stop pins.
In order to use the Shutdown Pin with the Latch Disable functional it is necessary to use either a diode in series
with the Shutdown signal or to use an open collector pull-up so that the Shutdown pin is not pulled low. This
configuration will allow the Latch Disable function to work with the Shutdown pin.
6
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1707 UC2707 UC3707


Similar Part No. - UC3707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3707 TI-UC3707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC3707 TI1-UC3707 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707DW TI1-UC3707DW Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707DW TI1-UC3707DW Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707DWG4 TI1-UC3707DWG4 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
More results

Similar Description - UC3707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Intersil Corporation
EL1527 INTERSIL-EL1527 Datasheet
38Kb / 2P
   Dual Channel Medium Power Differential Line Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com